Electronic Components Datasheet Search
  English  ▼

X  

USB20H04 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB20H04
Description  4-PORT USB2.0 HUB CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB20H04 Datasheet HTML 5Page - SMSC Corporation USB20H04 Datasheet HTML 6Page - SMSC Corporation USB20H04 Datasheet HTML 7Page - SMSC Corporation USB20H04 Datasheet HTML 8Page - SMSC Corporation USB20H04 Datasheet HTML 9Page - SMSC Corporation USB20H04 Datasheet HTML 10Page - SMSC Corporation USB20H04 Datasheet HTML 11Page - SMSC Corporation USB20H04 Datasheet HTML 12Page - SMSC Corporation USB20H04 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
4-Port USB2.0 Controller
Datasheet
SMSC USB20H04
Page 9
Revision 1.63 (10-14-04)
DATASHEET
1.2
OEM Selectable Features
The 4-Port Hub supports several OEM selectable features:
Operation as a bus-powered, self-powered or dynamic-powered hub. (When configured for dynamic
operation, the controller automatically switches to bus-powered mode if a local power source is
unavailable).
Configure downstream facing port power switching on an individual or ganged basis.
Configure downstream facing port over-current sensing on an individual or ganged basis.
Enable downstream facing port LED indicators.
Select multiple or single transaction translator mode.
Select whether the hub is part of a compound device (when any downstream facing port is
permanently hardwired to a USB peripheral device, the hub is part of a compound device).
Select the presence of a permanently hardwired USB peripheral device on a port by port basis.
Enable downstream facing ports a port by port basis.
Enable EOP generation of EOF1 when operating in full-speed mode, as described in Section 11.3.1 of
the USB2.0 Specification.
Enable USB On-The-Go Session Request Protocol (SRP) support.
Configure the delay time for filtering the over-current sense inputs.
Configure the delay time until port power is good after the SetPortPower command is received.
Indicate the maximum current that the 4-port hub consumes from an upstream port.
Indicate the maximum current required for the hub controller.
1.3
Pin Selectable Options to the Default Configuration
The USB20H04 includes a default configuration for those applications where an external EEPROM or
SMBus device is not available to provide the configuration. This configuration may be adequate in some
applications. A pin selectable feature supports configuration as either a bus-powered hub or a
self-powered hub determined by the logic level of the SELF_PWR pin following reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com