Electronic Components Datasheet Search
  English  ▼

X  

151RLH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 151RLH
Description  Aluminum Capacitors Radial Long-Life, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

151RLH Datasheet(HTML) 1 Page - Vishay Siliconix

  151RLH Datasheet HTML 1Page - Vishay Siliconix 151RLH Datasheet HTML 2Page - Vishay Siliconix 151RLH Datasheet HTML 3Page - Vishay Siliconix 151RLH Datasheet HTML 4Page - Vishay Siliconix 151RLH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28319
146
Revision: 04-Nov-03
151 RLH
Vishay BCcomponents
Aluminum Capacitors
Radial Long-Life, High Voltage
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case,
insulated with a blue vinyl sleeve
• Pressure relief
• Charge and discharge proof
• Long useful life: 3000 to 4000 hours at 105 °C,
high reliability
• High rated voltage, up to 450 V
APPLICATIONS
• High-reliability and professional applications
• Lighting, monitors, consumer electronics, general industrial
• Filtering of high voltages in power supplies.
MARKING
The capacitors are marked (where possible)
with the following information:
• Rated capacitance value (in µF).
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ±20%).
• Rated voltage (in V).
• Date code, in accordance with IEC 60062.
• Code indicating factory of origin.
• Name of manufacturer.
• Upper category temperature (105 °C).
• Negative terminal identification.
• Series number (151).
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(
∅D × L in mm)
10
× 12
to 18
× 35
Rated capacitance range, CR
1to220
µF
Tolerance on CR
±20%
Rated voltage range, UR
160 to 450 V
Category temperature range
−40 to +105 °C
Endurance test at 105
°C
2 000 hours
Useful life at 105
°C:
case
∅D = 10 and 12.5 mm
3 000 hours
case
∅D = 16 and 18 mm
4 000 hours
Useful life at 40
°C,
1.6
× IR applied:
case
∅D = 10 and 12.5 mm
200 000 hours
case
∅D = 16 and 18 mm
260 000 hours
Shelf life at 0 V, 105
°C
500 hours
Based on sectional
specification
IEC 60 384-4/EN130 300
Climatic category IEC 60068
40/105/56
Fig.1 Component outline.
151 RLH
105
°C
044 RSH
85
°C
low
voltage
048 RML
152 RMH
miniaturized
148 RUS
miniaturized
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (ØD x L in mm)
CR
(
µF)
UR (V)
160
200
250
350
400
450
1.0
−
−−−−
10
× 12
2.2
−
−−−
10
× 12
10
× 16
3.3
−−
−
10
× 12
10
× 16
10
× 20
4.7
−
10
× 12
10
× 12
10
× 16
10
× 20
12.5
× 20
10
10
× 16
10
× 16
10
× 20
12.5
× 20
12.5
× 20
16
× 20
22
10
× 20
10
× 20
12.5
× 25
12.5
× 25
16
× 25
16
× 31
−−
16
× 20
16
× 20
18
× 20
18
× 25
33
12.5
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31
18
× 35
−−
16
× 20
−
18
× 25
−
47
12.5
× 25
12.5
× 25
16
× 25
16
× 35
18
× 31
−
16
× 20
16
× 20
18
× 20
18
× 31
−−
100
16
× 25
16
× 31
16
× 31
−−
−
18
× 20
18
× 25
18
× 25
−−
−
220
18
× 35
−−−−
−


Similar Part No. - 151RLH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
151RLH VISHAY-151RLH Datasheet
98Kb / 6P
Aluminum Capacitors Radial Long-Life, High Voltage
27-May-08
151RLH VISHAY-151RLH Datasheet
100Kb / 7P
Aluminum Capacitors Radial Long-Life, High Voltage
31-Jul-12
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Long-Life, High Voltage
27-May-08
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
Aluminum Capacitors Radial Long-Life, High Voltage
31-Jul-12
More results

Similar Description - 151RLH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
Aluminum Capacitors Radial Long Life
17-Jun-05
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
Aluminum Capacitors Radial, Standard Long-Life
19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
Aluminum Capacitors Radial Miniature Long Life
05-May-08
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
Aluminum Capacitors Radial Long Life
14-Oct-08
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Long-Life, High Voltage
27-May-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Long Life
26-Apr-13
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
Aluminum Capacitors Radial Long-Life, High Voltage
31-Jul-12
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com