Electronic Components Datasheet Search
  English  ▼

X  

151RLH Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 151RLH
Description  Aluminum Capacitors Radial Long-Life, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

151RLH Datasheet(HTML) 5 Page - Vishay Siliconix

  151RLH Datasheet HTML 1Page - Vishay Siliconix 151RLH Datasheet HTML 2Page - Vishay Siliconix 151RLH Datasheet HTML 3Page - Vishay Siliconix 151RLH Datasheet HTML 4Page - Vishay Siliconix 151RLH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28319
150
Revision: 04-Nov-03
151 RLH
Vishay BCcomponents
Aluminum Capacitors
Radial Long-Life, High Voltage
RIPPLE CURRENT AND USEFUL LIFE
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
lifetime multiplier
(1)
Tamb (°C)
IA
IR
CCC206
Fig.3 Multiplier of useful life as a function of ambient
temperature and ripple current load.
IA = actual ripple current at 100 Hz.
IR = rated ripple current at 100 Hz, 105
°C.
(1) Useful life at 105
°C and IR applied:
case
∅D = 10 and 12.5 mm: 3000 hours
case
∅D = 16 and 18 mm: 4000 hours.
Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
50
0.75
100
1.00
300
1.20
1000
1.35
3000
1.45
≥10000
1.50
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.15
Tamb = 105
°C; UR applied;
2000 hours
∆C/C: ±20%
tan
δ≤ 2 × spec. limit
Z
≤ 2 × spec. limit
IL5
≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105
°C; UR and IR applied;
case
∅D = 10 and 12.5 mm: 3000 hours;
case
∅D = 16 and 18 mm: 4000 hours
∆C/C: ±50%
tan
δ≤ 3 × spec. limit
Z
≤ 3 × spec. limit
IL5
≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1%
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105
°C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
∆C/C: ±20%
tan
δ≤ 2 × spec. limit
Z
≤ 2 × spec. limit
IL5
≤ 2 × spec. limit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com