Electronic Components Datasheet Search
  English  ▼

X  

151RLH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 151RLH
Description  Aluminum Capacitors Radial Long-Life, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

151RLH Datasheet(HTML) 4 Page - Vishay Siliconix

  151RLH Datasheet HTML 1Page - Vishay Siliconix 151RLH Datasheet HTML 2Page - Vishay Siliconix 151RLH Datasheet HTML 3Page - Vishay Siliconix 151RLH Datasheet HTML 4Page - Vishay Siliconix 151RLH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 28319
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 04-Nov-03
149
151 RLH
Aluminum Capacitors
Radial Long-Life, High Voltage
Vishay BCcomponents
350
3.3
10
× 12
50
105
0.15
22.0
55338
65338
35338
4.7
10
× 16
65
119
0.15
16.0
55478
65478
35478
10
12.5
× 20
120
175
0.15
7.6
55109
65109
35109
22
12.5
× 25
180
301
0.15
3.8
55229
65229
35229
22
16
× 20
180
301
0.15
3.8
95225
95226
95223
33
16
× 25
210
417
0.15
2.6
55339
65339
35339
47
16
× 35
300
564
0.15
2.0
55479
65479
−
47
18
× 31
300
564
0.15
2.0
95475
95476
−
400
2.2
10
× 12
40
93
0.15
33.0
56228
66228
36228
3.3
10
× 16
50
110
0.15
22.0
56338
66338
36338
4.7
10
× 20
70
126
0.15
16.0
56478
66478
36478
10
12.5
× 20
120
190
0.15
7.6
56109
66109
36109
22
16
× 25
200
334
0.15
3.8
56229
66229
36229
22
18
× 20
200
334
0.15
3.8
96225
96226
−
33
16
× 31
245
466
0.15
2.6
56339
66339
36339
33
18
× 25
245
466
0.15
2.6
96335
96336
−
47
18
× 31
300
634
0.15
2.0
56479
66479
−
450
1.0
10
× 12
30
67
0.2
94.0
57108
67108
37108
2.2
10
× 16
45
99
0.2
43.0
57228
67228
37228
3.3
10
× 20
65
115
0.2
29.0
57338
67338
37338
4.7
12.5
× 20
80
133
0.2
20.0
57478
67478
37478
10
16
× 20
140
205
0.2
10.0
57109
67109
37109
22
16
× 31
220
367
0.2
4.6
57229
67229
37229
22
18
× 25
220
367
0.2
4.6
97225
97226
−
33
18
× 35
280
516
0.2
3.4
57339
67339
−
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
IR
100 Hz
105
°C
(mA)
IL1
1min
(
µA)
Tan
δ
100 Hz
Z
10 kHz
(
Ω)
CATALOG NUMBER
2222 151 .....
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
IEC 60384-4, subclause 4.14:
UR = 160 to 250 V
Us
≤ 1.15 × UR
UR = 350 to 400 V
Us
≤ 1.10 × UR
Reverse voltage
IEC 60384-4, subclause 4.15
Urev
≤ 1V
Current
Leakage current
after 1 minute at UR:
CV
≤ 1000 µCIL1 ≤ 0.06 CR × UR +40 µA
CV > 1 000
µCIL1 ≤ 0.03 CR × UR +70 µA
after 5 minutes at UR:
CV
≤ 1000 µCIL5 ≤ 0.03 CR × UR +15 µA
CV > 1 000
µCIL5 ≤ 0.015 CR × UR +30 µA
Inductance
Equivalent series inductance (ESL)
case
∅D = 10 mm
typ. 16 nH
case
∅D ≥ 12.5 mm
typ. 18 nH
Resistance
Equivalent series resistance (ESR)
calculated from tan
δmax and CR (see Table 2)
ESR = tan
δ / 2πfCR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com