Electronic Components Datasheet Search
  English  ▼

X  

AD9751 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9751
Description  10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9751 Datasheet(HTML) 1 Page - Analog Devices

  AD9751 Datasheet HTML 1Page - Analog Devices AD9751 Datasheet HTML 2Page - Analog Devices AD9751 Datasheet HTML 3Page - Analog Devices AD9751 Datasheet HTML 4Page - Analog Devices AD9751 Datasheet HTML 5Page - Analog Devices AD9751 Datasheet HTML 6Page - Analog Devices AD9751 Datasheet HTML 7Page - Analog Devices AD9751 Datasheet HTML 8Page - Analog Devices AD9751 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9751*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
10-Bit, 300 MSPS
High-Speed TxDAC+® D/A Converter
FUNCTIONAL BLOCK DIAGRAM
AVDD
ACOM
REFIO
FSADJ
PORT1
IOUTA
IOUTB
AD9751
DVDD
DCOM
LATCH
LATCH
CLK+
CLK–
CLKVDD
PLLVDD
CLKCOM
RESET LPF DIV0 DIV1 PLLLOCK
PLL
CLOCK
MULTIPLIER
DAC
REFERENCE
MUX
PORT2
PRODUCT DESCRIPTION
The AD9751 is a dual muxed port, ultrahigh-speed, single-
channel, 10-bit CMOS DAC. It integrates a high-quality 10-bit
TxDAC+ core, a voltage reference, and digital interface circuitry
into a small 48-lead LQFP package. The AD9751 offers excep-
tional ac and dc performance while supporting update rates up
to 300 MSPS.
The AD9751 has been optimized for ultrahigh-speed applica-
tions up to 300 MSPS where data rates exceed those possible on
a single data interface port DAC. The digital interface consists
of two buffered latches as well as control logic. These latches
can be time multiplexed to the high-speed DAC in several ways.
This PLL drives the DAC latch at twice the speed of the exter-
nally applied clock and is able to interleave the data from the
two input channels. The resulting output data rate is twice that
of the two input channels. With the PLL disabled, an external
2
× clock may be supplied and divided by two internally.
The CLK inputs (CLK+/CLK–) can be driven either differen-
tially or single-endedly, with a signal swing as low as 1 V p-p.
FEATURES
10-Bit Dual Muxed Port DAC
300 MSPS Output Update Rate
Excellent SFDR and IMD Performance
SFDR to Nyquist @ 25 MHz Output: 64 dB
Internal Clock Doubling PLL
Differential or Single-Ended Clock Input
On-Chip 1.2 V Reference
Single 3.3 V Supply Operation
Power Dissipation: 155 mW @ 3.3 V
48-Lead LQFP
APPLICATIONS
Communications: LMDS, LMCS, MMDS
Base Stations
Digital Synthesis
QAM and OFDM
The DAC utilizes a segmented current source architecture com-
bined with a proprietary switching technique to reduce glitch
energy and to maximize dynamic accuracy. Differential current
outputs support single-ended or differential applications. The
differential outputs each provide a nominal full-scale current
from 2 mA to 20 mA.
The AD9751 is manufactured on an advanced low cost 0.35
µm
CMOS process. It operates from a single supply of 3.1 V to 3.5 V
and consumes 155 mW of power.
PRODUCT HIGHLIGHTS
1. The AD9751 is a member of a pin-compatible family of high-
speed TxDAC+s providing 10-, 12-, and 14-bit resolution.
2. Ultrahigh-Speed 300 MSPS Conversion Rate.
3. Dual 10-Bit Latched, Multiplexed Input Ports. The AD9751
features a flexible digital interface allowing high-speed data
conversion through either a single or dual port input.
4. Low Power. Complete CMOS DAC function operates on
155 mW from a 3.1 V to 3.5 V single supply. The DAC full-
scale current can be reduced for lower power operation.
5. On-Chip Voltage Reference. The AD9751 includes a 1.20 V
temperature-compensated bandgap voltage reference.
TxDAC+ is a registered trademark of Analog Devices, Inc.
*Protected by U.S. Patent numbers 5450084, 5568145, 5689257 and 5703519.
Other patents pending.


Similar Part No. - AD9751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9751 AD-AD9751_15 Datasheet
633Kb / 28P
10-Bit, 300 MSPS
REV. C
More results

Similar Description - AD9751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740 AD-AD9740 Datasheet
743Kb / 20P
10-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9750 AD-AD9750 Datasheet
302Kb / 22P
10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9753 AD-AD9753 Datasheet
904Kb / 26P
12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV.0
AD9755 AD-AD9755 Datasheet
532Kb / 28P
14-Bit, 300 MSPS High Speed TxDAC D/A Converter
6/03-Data Sheet changed from REV. A to REV. B.
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com