Electronic Components Datasheet Search
  English  ▼

X  

AD9751 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9751
Description  10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9751 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9751 Datasheet HTML 5Page - Analog Devices AD9751 Datasheet HTML 6Page - Analog Devices AD9751 Datasheet HTML 7Page - Analog Devices AD9751 Datasheet HTML 8Page - Analog Devices AD9751 Datasheet HTML 9Page - Analog Devices AD9751 Datasheet HTML 10Page - Analog Devices AD9751 Datasheet HTML 11Page - Analog Devices AD9751 Datasheet HTML 12Page - Analog Devices AD9751 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
REV. 0
AD9751
–9–
FUNCTIONAL DESCRIPTION
Figure 3 shows a simplified block diagram of the AD9751. The
AD9751 consists of a PMOS current source array capable of
providing up to 20 mA of full-scale current, IOUTFS. The array is
divided into 31 equal sources that make up the five most signifi-
cant bits (MSBs). The next four bits, or middle bits, consist of
15 equal current sources whose value is 1/16th of an MSB cur-
rent source. The remaining LSB is a binary weighted fraction of
the middle bit current sources. Implementing the middle and
lower bits with current sources, instead of an R-2R ladder,
enhances dynamic performance for multitone or low-amplitude
signals and helps maintain the DAC’s high output impedance
(i.e., >100 k
Ω).
All of the current sources are switched to one or the other of the
two outputs (i.e., IOUTA or IOUTB) via PMOS differential current
switches. The switches are based on a new architecture that
drastically improves distortion performance. This new switch
architecture reduces various timing errors and provides match-
ing complementary drive signals to the inputs of the differential
current switches.
The analog and digital sections of the AD9751 have separate
power supply inputs (i.e., AVDD and DVDD) that can operate
independently over a 3.1 V to 3.5 V range. The digital section,
which is capable of operating at a 300 MSPS clock rate, consists
of edge-triggered latches and segment decoding logic circuitry.
The analog section includes the PMOS current sources, the
associated differential switches, a 1.20 V bandgap voltage refer-
ence and a reference control amplifier.
The full-scale output current is regulated by the reference
control amplifier and can be set from 2 mA to 20 mA via an
external resistor, RSET. The external resistor, in combination
with both the reference control amplifier and voltage reference
VREFIO, sets the reference current IREF, which is replicated to the
segmented current sources with the proper scaling factor. The
full-scale current, IOUTFS, is 32 times the value of IREF.
REFERENCE OPERATION
The AD9751 contains an internal 1.20 V bandgap reference.
This can easily be overdriven by an external reference with no
effect on performance. REFIO serves as either an input or output,
depending on whether the internal or an external reference is
used. To use the internal reference, simply decouple the REFIO
pin to ACOM with a 0.1
µF capacitor. The internal reference
voltage will be present at REFIO. If the voltage at REFIO is to
be used elsewhere in the circuit, an external buffer amplifier with
an input bias current less than 100 nA should be used. An example
of the use of the internal reference is given in Figure 4.
A low impedance external reference can be applied to REFIO
as shown in Figure 5. The external reference may provide either
a fixed reference voltage to enhance accuracy and drift perfor-
mance or a varying reference voltage for gain control. Note that
the 0.1
µF compensation capacitor is not required since the inter-
nal reference is overdriven, and the relatively high input impedance
of REFIO minimizes any loading of the external reference.
REFERENCE CONTROL AMPLIFIER
The AD9751 also contains an internal control amplifier that is
used to regulate the DAC’s full-scale output current, IOUTFS.
The control amplifier is configured as a voltage-to-current con-
verter as shown in Figure 4, so that its current output, IREF, is
determined by the ratio of VREFIO and an external resistor, RSET,
as stated in Equation 4. IREF is applied to the segmented current
sources with the proper scaling factor to set IOUTFS as stated in
Equation 3.
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5
µA and 625 µA. The wide adjustment span of IOUTFS provides
several application benefits. The first benefit relates directly to
the power dissipation of the AD9751, which is proportional to
IOUTFS (refer to the Power Dissipation section). The second
benefit relates to the 20 dB adjustment, which is useful for sys-
tem gain control purposes.
The small signal bandwidth of the reference control amplifier is
approximately 500 kHz and can be used for low frequency, small
signal multiplying applications.
AD9751
IOUTA
IOUTB
SEGMENTED
SWITCHES FOR
DB0 TO DB9
DAC
FSADJ
REFIO
1.2V REF
DIV0
PLLLOCK
DIGITAL DATA INPUTS
0.1 F
RSET
2k
RLOAD
50
DB0 – DB9
DCOM
PMOS CURRENT
SOURCE ARRAY
AVDD
3.1V TO 3.5V
DVDD
2 -1 MUX
PORT 1 LATCH
DAC LATCH
ACOM
PORT 2 LATCH
DIV1
PLL
CIRCUITRY
PLLVDD
CLKVDD
CLK+
CLK–
CLKCOM
RESET
LPF
DB0 – DB9
VOUTB
RLOAD
50
VOUTA
VDIFF = VOUTA – VOUTB
Figure 3. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com