Electronic Components Datasheet Search
  English  ▼

X  

AD9751 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9751
Description  10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9751 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9751 Datasheet HTML 10Page - Analog Devices AD9751 Datasheet HTML 11Page - Analog Devices AD9751 Datasheet HTML 12Page - Analog Devices AD9751 Datasheet HTML 13Page - Analog Devices AD9751 Datasheet HTML 14Page - Analog Devices AD9751 Datasheet HTML 15Page - Analog Devices AD9751 Datasheet HTML 16Page - Analog Devices AD9751 Datasheet HTML 17Page - Analog Devices AD9751 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
REV. 0
AD9751
–14–
The AD9751 features a flexible differential clock input operating
from separate supplies (i.e., CLKVDD, CLKCOM) to achieve
optimum jitter performance. The two clock inputs, CLK+ and
CLK–, can be driven from a single-ended or differential clock
source. For single-ended operation, CLK+ should be driven by
a logic source while CLK– should be set to the threshold voltage
of the logic source. This can be done via a resistor divider/
capacitor network as shown in Figure 15a. For differential opera-
tion, both CLK+ and CLK– should be biased to CLKVDD/2
via a resistor divider network as shown in Figure 15b.
Because the output of the AD9751 is capable of being updated
at up to 300 MSPS, the quality of the clock and data input
signals are important in achieving the optimum performance.
The drivers of the digital data interface circuitry should be
specified to meet the minimum setup-and-hold times of the
AD9751 as well as its required min/max input logic level thresholds.
Digital signal paths should be kept short and run lengths matched
to avoid propagation delay mismatch. The insertion of a low
value resistor network (i.e., 20
Ω to 100 Ω) between the AD9751
digital inputs and driver outputs may be helpful in reducing any
overshooting and ringing at the digital inputs that contribute to
data feedthrough. For longer run lengths and high data update
rates, strip line techniques with proper termination resistors
should be considered to maintain “clean” digital inputs.
The external clock driver circuitry should provide the AD9751
with a low jitter clock input meeting the min/max logic levels
while providing fast edges. Fast clock edges will help minimize
any jitter that will manifest itself as phase noise on a reconstructed
waveform. Thus, the clock input should be driven by the fastest
logic family suitable for the application.
Note that the clock input could also be driven via a sine wave,
which is centered around the digital threshold (i.e., DVDD/2)
and meets the min/max logic threshold. This will typically result
in a slight degradation in the phase noise, which becomes more
noticeable at higher sampling rates and output frequencies. Also,
at higher sampling rates, the 20% tolerance of the digital logic
threshold should be considered since it will affect the effective
clock duty cycle and, subsequently, cut into the required data
setup-and-hold times.
RSERIES
0.1 F
VTHRESHOLD
CLK+
CLKVDD
CLK–
CLKCOM
AD9751
Figure 15a. Single-Ended Clock Interface
0.1 F
CLK+
CLKVDD
CLK–
CLKCOM
AD9751
0.1 F
0.1 F
Figure 15b. Differential Clock Interface
INPUT CLOCK AND DATA TIMING RELATIONSHIP
SNR in a DAC is dependent on the relationship between the
position of the clock edges and the point in time at which the
input data changes. The AD9751 is rising edge triggered, and so
exhibits SNR sensitivity when the data transition is close to this
edge. In general, the goal when applying the AD9751 is to make
the data transition close to the falling clock edge. This becomes
more important as the sample rate increases. Figure 16 shows
the relationship of SNR to clock placement with different sample
rates. Note that the setup and hold times implied in Figure 16
appear to violate the maximums stated in the Digital Specifica-
tions of this data sheet. The variation in Figure 16 is due to the
skew present between data bits inherent in the digital data gen-
erator used to perform these tests. Figure 16 is presented to
show the effects of violating setup and hold times, and to show
the insensitivity of the AD9751 to clock placement when data
transitions fall outside of the so-called “bad window.” The setup
and hold times stated in the Digital Specifications were measured
on a bit-by-bit basis, therefore eliminating the skew present in
the digital data generator. At higher data rates, it becomes very
important to account for the skew in the input digital data when
defining timing specifications.
TIME OF DATA TRANSITION RELATIVE TO PLACEMENT OF
CLK RISING EDGE (ns), fOUT = 10MHz, fDAC = 300MHz
80
40
0
3
0
–3
60
20
70
30
50
10
–2
–11
2
Figure 16. SNR vs. Time of Data Transition Relative to
Clock Rising Edge
POWER DISSIPATION
The power dissipation, PD, of the AD9751 is dependent on sev-
eral factors that include: (1) The power supply voltages (AVDD
and DVDD), (2) the full-scale current output IOUTFS, (3) the
update rate fCLOCK, and (4) the reconstructed digital input wave-
form. The power dissipation is directly proportional to the analog
supply current, IAVDD, and the digital supply current, IDVDD.
IAVDD is directly proportional to IOUTFS as shown in Figure 17,
and is insensitive to fCLOCK. Conversely, IDVDD is dependent on
both the digital input waveform, fCLOCK, and digital supply
DVDD. Figure 18 shows IDVDD as a function of the ratio (fOUT/
fDAC) for various update rates. In addition, Figure 19 shows the
effect the speed of fDAC has on the PLLVDD current, given the
PLL divider ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com