Electronic Components Datasheet Search
  English  ▼

X  

INA1650IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650IPWR
Description  SoundPlus High Common-Mode Rejection Line Receiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA1650IPWR Datasheet HTML 17Page - Texas Instruments INA1650IPWR Datasheet HTML 18Page - Texas Instruments INA1650IPWR Datasheet HTML 19Page - Texas Instruments INA1650IPWR Datasheet HTML 20Page - Texas Instruments INA1650IPWR Datasheet HTML 21Page - Texas Instruments INA1650IPWR Datasheet HTML 22Page - Texas Instruments INA1650IPWR Datasheet HTML 23Page - Texas Instruments INA1650IPWR Datasheet HTML 24Page - Texas Instruments INA1650IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
COM
IN-
IN+
500
k
500
k
Copyright © 2016, Texas Instruments Incorporated
CIN
CIN
VS
C
IN
IN
IN
IN
1
1
F
C
2
R
C
2
(2 R )
2
˜ S ˜
˜
˜ S ˜
˜
˜
COM
IN-
IN+
500
k
500
k
Copyright © 2016, Texas Instruments Incorporated
CIN
CIN
VS
VMID(OUT)
21
INA1650
www.ti.com
SBOS818 – DECEMBER 2016
Product Folder Links: INA1650
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
Figure 47. AC-Coupling Capacitors Charge to the Midsupply Voltage Through the Input Resistors
8.1.4 Input AC Coupling
The signal path in most audio systems is typically AC-coupled to avoid the propagation of DC voltages, which
can potentially damage loudspeakers or saturate power amplifiers. The capacitor values must be selected to
pass the desired bandwidth of audio signals. The high-pass corner frequency is calculated with Equation 5:
(5)
Figure 48. AC-Coupling Capacitors Form a High-Pass Filter With INA1650 Input Resistors
Although the input resistors of the INA1650 are matched typically within 0.01%, large capacitors are usually
mismatched. The mismatch in the values of the AC-coupling capacitors causes the corner frequencies at the two
signal inputs (IN+ and IN–) to be different, which can degrade CMRR at low frequency. For this reason, TI
recommends placing the high-pass corner frequency well below the audio bandwidth and to use a resistor in
series with the COM pin (RCOM), as shown in Figure 43 if possible. See the Common-Mode Input Impedance
section for more information on placing a resistor in series with the COM pin. Figure 49 shows the effect of a 5%
mismatch in the values of the input AC-coupling capacitors with and without an RCOM resistor. Comparing CMRR
at 100 Hz: 1-µF AC-coupling capacitors with a 5% mismatch degrade the CMRR to 75 dB, while 10-µF
capacitors and a 1-MΩ RCOM resistor shows 92 dB of CMRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com