Electronic Components Datasheet Search
  English  ▼

X  

INA1650IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650IPWR
Description  SoundPlus High Common-Mode Rejection Line Receiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA1650IPWR Datasheet HTML 8Page - Texas Instruments INA1650IPWR Datasheet HTML 9Page - Texas Instruments INA1650IPWR Datasheet HTML 10Page - Texas Instruments INA1650IPWR Datasheet HTML 11Page - Texas Instruments INA1650IPWR Datasheet HTML 12Page - Texas Instruments INA1650IPWR Datasheet HTML 13Page - Texas Instruments INA1650IPWR Datasheet HTML 14Page - Texas Instruments INA1650IPWR Datasheet HTML 15Page - Texas Instruments INA1650IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
Output Voltage (V)
VS = +18 V
VS = +12 V
C006
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
Output Voltage (V)
VS = +9 V
VS = +4.5 V
C006
±20
±15
±10
±5
0
5
10
15
20
±20
±10
0
10
20
Output Voltage (V)
VS = +/- 18 V
VS = +/- 12 V
C006
±5
±4
±3
±2
±1
0
1
2
3
4
5
±5
±3
±1
1
3
5
Output Voltage (V)
VS = +/- 5 V
VS = +/- 2.25 V
C006
0
2
4
6
8
10
12
14
0
10
20
30
40
Supply Voltage (V)
C001
Minimum Supply = 4.5 V
8
9
10
11
12
13
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
VS = +/- 18 V
VS = +/- 2.25 V
C001
12
INA1650
SBOS818 – DECEMBER 2016
www.ti.com
Product Folder Links: INA1650
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = midsupply, and RL = 2 kΩ (unless otherwise noted)
Figure 31. Power Supply Current vs Power Supply Voltage
Figure 32. Power Supply Current vs Temperature
REF A/B connected to 0 V
Figure 33. Input Common-Mode Voltage vs Output Voltage
REF A/B connected to 0 V
Figure 34. Input Common-Mode Voltage vs Output Voltage
REF A/B connected to VMID(OUT)
Figure 35. Input Common-Mode Voltage vs Output Voltage
REF A/B connected to VMID(OUT)
Figure 36. Input Common-Mode Voltage vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com