Electronic Components Datasheet Search
  English  ▼

X  

US5682 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # US5682
Description  Unipolar Hall Switch ??High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US5682 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  US5682 Datasheet HTML 1Page - Melexis Microelectronic Systems US5682 Datasheet HTML 2Page - Melexis Microelectronic Systems US5682 Datasheet HTML 3Page - Melexis Microelectronic Systems US5682 Datasheet HTML 4Page - Melexis Microelectronic Systems US5682 Datasheet HTML 5Page - Melexis Microelectronic Systems US5682 Datasheet HTML 6Page - Melexis Microelectronic Systems US5682 Datasheet HTML 7Page - Melexis Microelectronic Systems US5682 Datasheet HTML 8Page - Melexis Microelectronic Systems US5682 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
US5682
Unipolar Hall Switch
– High Sensitivity
Inverted Output
3901005682
Page 4 of 11
Data Sheet
Rev 006
Jan/15
6 General Electrical Specifications
DC Operating Parameters TA = 25
oC, V
DD = 12V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
24
V
Supply Current
IDD
B < BRP
0.5
2.5
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B < BRP
0.3
0.5
V
Output Leakage Current
IOFF
B > BOP, VOUT = 24V
0.01
10
A
Output Rise Time
tr
RL = 1k
, CL = 20pF
0.25
s
Output Fall Time
tf
RL = 1k
, CL = 20pF
0.25
s
Maximum Switching Frequency
FSW
5
KHz
Power-On Time1
tON
100
s
Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
Table 3: Electrical specifications
1 The Power-On Time represents the time from reaching the power-on reset level to the first refresh of the
output (first valid output state).Value according simulation only, not subject to production test.
7 Magnetic Specifications
DC Operating Parameters TA = 25
oC, V
DD = 12V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
3.8
5.5
7.2
mT
Release Point
BRP
2
3.5
5
mT
Hysteresis
BHYST
1.5
2
2.7
mT
Table 4: Magnetic specifications
DC Operating Parameters TA = -40
oC to 125oC (K-version), TA = -40 oC to 85 oC (E-version),
VDD = 12V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
3.4
7.7
mT
Release Point
BRP
1.8
5.4
mT
Hysteresis
BHYST
1
2.8
mT
Table 5: Magnetic specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com