Electronic Components Datasheet Search
  English  ▼

X  

US5682 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US5682
Description  Unipolar Hall Switch ??High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US5682 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US5682 Datasheet HTML 1Page - Melexis Microelectronic Systems US5682 Datasheet HTML 2Page - Melexis Microelectronic Systems US5682 Datasheet HTML 3Page - Melexis Microelectronic Systems US5682 Datasheet HTML 4Page - Melexis Microelectronic Systems US5682 Datasheet HTML 5Page - Melexis Microelectronic Systems US5682 Datasheet HTML 6Page - Melexis Microelectronic Systems US5682 Datasheet HTML 7Page - Melexis Microelectronic Systems US5682 Datasheet HTML 8Page - Melexis Microelectronic Systems US5682 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
US5682
Unipolar Hall Switch
– High Sensitivity
Inverted Output
3901005682
Page 1 of 11
Data Sheet
Rev 006
Jan/15
Features and Benefits
 Wide operating voltage range from 3.5V to 24V
 High sensitivity
 CMOS technology
 Chopper-stabilized amplifier stage
 Low current consumption
 Open drain output
 Inverted Output
 Thin SOT23 3L RoHS Compliant package
Application Examples
 Automotive, Consumer and Industrial
 Solid-state switch
 Interrupter
 Current detector
 Proximity detection
Ordering Information
Product Code
Temperature
Code
Package Code
Option Code
Packing Form
Code
US5682
E, K
SE
AAA-000
RE
Legend:
Temperature Code:
E(-40°C to 85°C) K(-40°C to 125°C)
Package Code:
SE =TSOT-23L
Option Code:
AAA-000
Packing Form:
RE=Reel
Ordering example:
US5682ESE-AAA-000-RE
1 Functional Diagram
2 General Description
The Melexis US5682 is a unipolar Hall-effect
switch
designed
in
mixed
signal
CMOS
technology.
The device integrates a voltage regulator, Hall
sensor
with
advanced
Correlated
Double
Sampling (CDS) offset cancellation system and an
open-drain output driver, all in a single package.
Thanks to its wide operating voltage range and
temperature range, it is suitable for use in
automotive and solid state switch applications.
The device is delivered in a Thin Small Outline
Transistor
(TSOT)
3-lead
RoHS
compliant
package.
Voltage
Regulator
VDD
GND
OUT
DAMP
Hall
Plate
ESD protection
ESD protection
Temperature
compensation
DIDO
COMP
reference
Oscillator and
Bias
DIG
POR


Similar Part No. - US5682

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5681ESEAAA-000RE MELEXIS-US5681ESEAAA-000RE Datasheet
719Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5681KSEAAA-000RE MELEXIS-US5681KSEAAA-000RE Datasheet
719Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5683 MELEXIS-US5683 Datasheet
724Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5683ESEAAA-000RE MELEXIS-US5683ESEAAA-000RE Datasheet
724Kb / 11P
Unipolar Hall Switch ??High Sensitivity
More results

Similar Description - US5682

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS1636 SECELECTRONICS-SS1636 Datasheet
261Kb / 5P
Unipolar Hall Switch-High sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
Unipolar Hall Switch-Low Sensitivity
logo
Melexis Microelectronic...
US5781 MELEXIS-US5781_12 Datasheet
966Kb / 11P
Unipolar Hall Switch ??Mediuum sensitivity
US5683 MELEXIS-US5683 Datasheet
724Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
Unipolar Hall Switch ??High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com