Electronic Components Datasheet Search
  English  ▼

X  

US5682 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # US5682
Description  Unipolar Hall Switch ??High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US5682 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button US5682 Datasheet HTML 3Page - Melexis Microelectronic Systems US5682 Datasheet HTML 4Page - Melexis Microelectronic Systems US5682 Datasheet HTML 5Page - Melexis Microelectronic Systems US5682 Datasheet HTML 6Page - Melexis Microelectronic Systems US5682 Datasheet HTML 7Page - Melexis Microelectronic Systems US5682 Datasheet HTML 8Page - Melexis Microelectronic Systems US5682 Datasheet HTML 9Page - Melexis Microelectronic Systems US5682 Datasheet HTML 10Page - Melexis Microelectronic Systems US5682 Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
US5682
Unipolar Hall Switch
– High Sensitivity
Inverted Output
3901005682
Page 7 of 11
Data Sheet
Rev 006
Jan/15
11.7 IOFF vs. TA
11.8 IOFF vs. VDD
12 Test Conditions
Note : DUT = Device Under Test
12.1 Supply Current
DUT
OUT
GND
VDD
A
VDD
Note 1 - The supply current I
DD represents the static supply current.
OUT is left open during measurement.
Note 2 - The device is put under magnetic field with B<B
RP.
I
DD
12.2 Output Saturation Voltage
DUT
OUT
GND
VDD
VDD
3.5 / 24V
Note 1 - The output saturation voltage VDSon is measured
at VDD = 3.5V and VDD = 24V.
Note 2 - The device is put under magnetic field with B<BRP.
20mA
V VDSon
12.3 Output Leakage Current
DUT
OUT
GND
VDD
VDD
Note 1 - The device is put under magnetic field with B>BOP
A
24V
IOFF
12.4 Magnetic Thresholds
DUT
OUT
GND
VDD
V
DD
Note 1 - B
OP is determined by putting the device under magnetic field swept from
B
RPmin up to BOPmax until the output is switched on.
Note 2 - B
RPis determined by putting the device under magnetic field swept from
B
OPmax down to BRPmin until the output is switched off.
V
10Kohms
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Ta (
oC)
VDD=3.5V
VDD=12V
VDD=24V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD (Volts)
Ta=-40oC
Ta=25oC
Ta=85oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com