Electronic Components Datasheet Search
  English  ▼

X  

STM32F4 Datasheet(PDF) 1 Page - Abracon Corporation

Part # STM32F4
Description  SMD Low ESR Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

STM32F4 Datasheet(HTML) 1 Page - Abracon Corporation

  STM32F4 Datasheet HTML 1Page - Abracon Corporation STM32F4 Datasheet HTML 2Page - Abracon Corporation STM32F4 Datasheet HTML 3Page - Abracon Corporation STM32F4 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
||||||| | | | | | | | |
ABS06-107-32.768kHz-T
2.0 x 1.2 x 0.6mm
APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Wireless communications
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications
FEATURES:
• 0.6mm max. height ideal for high density circuit boards
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
SMD Low ESR Crystal
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 |fax 949-546-8001| www.abracon.com
Revised:07.11.13
Visit www.abracon.com for Terms & Conditions of Sale
RoHS/RoHS II Compliant
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable
Overview
ABRACON’s ABS06-107-32.768kHz-T Tuning Fork Crystal is optimized for Power Sensitive Designs, requiring
minimal plating load (4pF) and Ultra-Low ESR. With guaranteed maximum ESR of 80kΩ, this device is ideally
suited for Ultra-Low Power - Real Time Clocking solutions, requiring exceptionally low power consumption
(Reference; ST Micro STM32L1, F2 & F4 µcontrollers).
Key Attributes
• 4pF plating load facilitates sustained oscillations with very low oscillator loop transconductance (gm) < 3µA/V
• Guaranteed maximum ESR of 80kΩ ensures lower overall power consumption & higher Gain Margin
• Tight Frequency Set Tolerance < ±20 ppm into a 4pF Effective Oscillator Loop Load
• Wide Operating Temperature Range (-40ºC to +85ºC)
• < ±175 ppm typical stability over -40ºC to +85ºC; ±250 ppm guaranteed; referenced to measured frequency at
25ºC±3ºC
• Developed in close-cooperation with ST Micro for STM32L1, F2 & F4 Reference Designs
• Space saving 2.0x1.2x0.6 mm, RoHS Compliant SMT package
• Low cost, available through Abracon’s Global Distributors
Reference Design Information
ABS06-107-32.768kHz-T device is Qualified on the following ST Micro’s Reference Designs:
STM32F2 Series: http://www.st.com/web/en/catalog/mmc/FM141/SC1169/SS1575
STM32F4 Series: http://www.st.com/web/en/catalog/mmc/FM141/SC1169/SS1577
STM32L1 Series: http://www.st.com/web/en/catalog/mmc/FM141/SC1169/SS1295


Similar Part No. - STM32F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F4-DISCOVERY STMICROELECTRONICS-STM32F4-DISCOVERY Datasheet
137Kb / 3P
STM32F4 high-performance discovery board
15-Sep-2011
STM32F4-GAME STMICROELECTRONICS-STM32F4-GAME Datasheet
162Kb / 3P
IAR Systems® Experiment! kits for STM32 microcontrollers
November 2013 Rev 1
STM32F4-NETMF STMICROELECTRONICS-STM32F4-NETMF Datasheet
127Kb / 3P
Microsoft .NET Micro Framework environment for STM32F4 microcontrollers
24-Sep-2012
STM32F401 STMICROELECTRONICS-STM32F401 Datasheet
2Mb / 135P
Up to 12 communication interfaces
22-Jan-2015
STM32F401 STMICROELECTRONICS-STM32F401 Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
More results

Similar Description - STM32F4

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Abracon Corporation
ABLS-LR ABRACON-ABLS-LR Datasheet
2Mb / 2P
HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
Chip Tantalum Capacitor Low ESR. SMD
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX_14 Datasheet
157Kb / 2P
Low Profile SMD Crystal
logo
Abracon Corporation
ABLS ABRACON-ABLS_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
04.07.11
ABLS-LR ABRACON-ABLS-LR_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
11.30.10
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A MICROCRYSTAL-CM7V-T1A Datasheet
114Kb / 2P
Tuning Fork Crystal 32.768 kHz Low ESR
logo
ECS, Inc.
CSM-7SS ECS-CSM-7SS Datasheet
610Kb / 1P
Low Profile SMD Crystal
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Abracon Corporation
ABSM8 ABRACON-ABSM8 Datasheet
111Kb / 1P
LOW FREQUENCY SMD CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com