Electronic Components Datasheet Search
  English  ▼

X  

STM32F4 Datasheet(PDF) 3 Page - Abracon Corporation

Part # STM32F4
Description  SMD Low ESR Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

STM32F4 Datasheet(HTML) 3 Page - Abracon Corporation

  STM32F4 Datasheet HTML 1Page - Abracon Corporation STM32F4 Datasheet HTML 2Page - Abracon Corporation STM32F4 Datasheet HTML 3Page - Abracon Corporation STM32F4 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
|||||||| | | | | | | |
ABS06-107-32.768kHz-T
2.0 x 1.2 x 0.6mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
SMD Low ESR Crystal
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 |fax 949-546-8001| www.abracon.com
Revised:07.11.13
Visit www.abracon.com for Terms & Conditions of Sale
RoHS/RoHS II Compliant
OUTLINE DIMENSIONS:
SPICE Model (based on typical values at 25ºC ± 3ºC):
C0
=
1.47 pF
R1
=
56,974 Ω
L1
=
6,304 H
C1
=
3.869 fF
ABS06-107-32.768 kHz-T
SPICE MODEL:
PART IDENTIFICATION
Note: Due to material availability, the outline and finish color of the component may vary. This variation
in no way affects the electrical performance of the product.
Dimensions: inches (mm)
REFLOW PROFILE:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com