Electronic Components Datasheet Search
  English  ▼

X  

STM32F4 Datasheet(PDF) 2 Page - Abracon Corporation

Part # STM32F4
Description  SMD Low ESR Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

STM32F4 Datasheet(HTML) 2 Page - Abracon Corporation

  STM32F4 Datasheet HTML 1Page - Abracon Corporation STM32F4 Datasheet HTML 2Page - Abracon Corporation STM32F4 Datasheet HTML 3Page - Abracon Corporation STM32F4 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
||||||| | | | | | | | |
ABS06-107-32.768kHz-T
2.0 x 1.2 x 0.6mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
SMD Low ESR Crystal
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 |fax 949-546-8001| www.abracon.com
Revised:07.11.13
Visit www.abracon.com for Terms & Conditions of Sale
RoHS/RoHS II Compliant
STANDARD SPECIFICATIONS:
Parameters
Minimum
Typical
Maximum
Units
otes
Frequency
32.768
kHz
Operation Mode
Flexural Mode (Tuning Fork)
Operating Temperature
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Temperature Coefficient:
-0.039
-0.034
-0.029
ppm/T²
Turn-over temperature:
+20
+25
+30
ºC
Frequency Stability over temperature
-250
< ±175
+250
ppm
Relative to the
measured frequency at
25ºC ± 3ºC
Equivalent series resistance (R1)
< 60
80
kΩ
Shunt Capacitance (C0)
< 1.50
1.70
pF
Load capacitance (CL)
3.90
4.00
4.10
pF
See Note#1
Frequency Tolerance @+25°C
-20
+20
ppm
See Note#2
Tested at 0.5µW
Drive Level
0.1
0.5
µW
Q value
9000
20,000
Aging@25°C±3°C
-3
3
ppm
First year
Insulation Resistance
500
MΩ
@ 100Vdc ± 15V
Note #1: The oscillator loop needs to present an effective loop capacitance of 4.0 pF, not to exceed 4.50 pF.
This loop capacitance is required to ensure Safety Factor of > 5.0 for the entire population of crystals.
Note #2: With an effective loop capacitance of 4.0 pF, the oscillator circuit will be with-in (32.768 kHz) ±20 ppm.
Depending on production equipment capability, these parts might be tested at a different load, with guaranteed
projected performance at 4.0 pF.
FREQUENCY VS. TEMPERATURE CHARACTERISTICS
:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com