Electronic Components Datasheet Search
  English  ▼

X  

ATS177 Datasheet(PDF) 6 Page - Anachip Corp

Part # ATS177
Description  Single Output Hall Effect Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS177 Datasheet(HTML) 6 Page - Anachip Corp

  ATS177 Datasheet HTML 1Page - Anachip Corp ATS177 Datasheet HTML 2Page - Anachip Corp ATS177 Datasheet HTML 3Page - Anachip Corp ATS177 Datasheet HTML 4Page - Anachip Corp ATS177 Datasheet HTML 5Page - Anachip Corp ATS177 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Single Phase Hall Effect Latch
ATS177
Anachip Corp.
www.anachip.com.tw
Rev. A6 Jun 23, 2004
6/6
ATC
(2)Package Type: SOT23-3L
L
e
D
b(3x)
SEE VIEW C
VIEW C
L1
θ 1(4x)
θ 2(4x)
e1
θ
GAUGE PLANE
SEATING PLANE
C
0.10
3X
2
1
3
1.45mm
0.8mm
( Sensing point )
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
-
1.35
0.041
-
0.053
A1
0.05
-
0.15
0.002
-
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.25
-
0.50
0.010
-
0.020
C
0.08
-
0.20
0.003
-
0.008
D
2.70
2.90
3.00
0.106
0.114
0.118
E
1.50
1.60
1.70
0.059
0.063
0.067
HE
2.60
2.80
3.00
0.102
0.110
0.118
L
0.30
-
0.55
0.012
-
0.022
L1
0.50
0.60
0.70
0.020
0.024
0.028
e
1.80
1.90
2.00
0.071
0.075
0.079
e1
0.85
0.95
1.05
0.033
0.037
0.041
θ
0
o
5
o
10
o
0
o
5
o
10
o
θ1
3
o
5
o
7
o
3
o
5
o
7
o
θ2
6
o
8
o
10
o
6
o
8
o
10
o



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com