Electronic Components Datasheet Search
  English  ▼

X  

ATS177 Datasheet(PDF) 3 Page - Anachip Corp

Part # ATS177
Description  Single Output Hall Effect Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS177 Datasheet(HTML) 3 Page - Anachip Corp

  ATS177 Datasheet HTML 1Page - Anachip Corp ATS177 Datasheet HTML 2Page - Anachip Corp ATS177 Datasheet HTML 3Page - Anachip Corp ATS177 Datasheet HTML 4Page - Anachip Corp ATS177 Datasheet HTML 5Page - Anachip Corp ATS177 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Single Phase Hall Effect Latch
ATS177
Anachip Corp.
www.anachip.com.tw
Rev. A6 Jun 23, 2004
3/6
ATC
Absolute Maximum Ratings ( at Ta=25oC )
Characteristics
Symbol
Values
Unit
Supply voltage
VCC
20
V
Reverse Vcc Polarity Voltage
VRCC
-20
V
Magnetic flux density
B
Unlimited
Output OFF Voltage
Vce
30
V
Output “on” current
Continuous
Ic
25
mA
Operating temperature range
Ta
-20~+85
°C
Storage temperature range
Ts
-65~+150
°C
Maximum Junction Temp.
Tj
175
°C
SIP-3L
400
mW
Package Power
Dissipation
SOT23-3L
Pd
200
mW
Electrical Characteristics (Ta=+ 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Vcc
—
3.5
-
20
V
Output Saturation Voltage Vce(sat) Vcc=14V, Ic=20mA
-
300
700
mV
Output Leakage Current
Icex
Vce=14V, Vcc=14V
-
<0.1
10
uA
Supply Current
Icc
Vcc=20V, Output Open
-
5
10
mA
Output Rise Time
tr
Vcc=14V, RL=820
Ω,
CL=20Pf
-
0.3
1.5
us
Output Falling Time
tf
Vcc=14V, RL=820
Ω,
CL=20pF
-
0.3
1.5
us
Test Circuit
CL
14V
DO
RL=820 Ohm
CL=20 pF
RL
Test Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com