Electronic Components Datasheet Search
  English  ▼

X  

ATS177 Datasheet(PDF) 1 Page - Anachip Corp

Part # ATS177
Description  Single Output Hall Effect Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS177 Datasheet(HTML) 1 Page - Anachip Corp

  ATS177 Datasheet HTML 1Page - Anachip Corp ATS177 Datasheet HTML 2Page - Anachip Corp ATS177 Datasheet HTML 3Page - Anachip Corp ATS177 Datasheet HTML 4Page - Anachip Corp ATS177 Datasheet HTML 5Page - Anachip Corp ATS177 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Single Output Hall Effect Latch
ATS177
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.A6 Jun 23, 2004
1/6
ATC
Features
- 3.5V to 20V DC operation voltage
- Temperature compensation
- Wide operating voltage range
- Open-Collector pre-driver
- 25mA maximum sinking output current.
- Reverse polarity protection
- Package: SIP3, SOT23
Applications
- Brush-less DC Motor
- Brush-less DC Fan
- Revolution counting
- Speed measurement
General Description
ATS177 is an integrated Hall effect latched sensor
designed for electronic commutation of brush-less
DC motor applications. The device includes an
on-chip Hall voltage generator for magnetic sensing,
a comparator that amplifies the Hall voltage, and a
schmitt trigger to provide switching hysteresis for
noise rejection, and open-collector output. An
internal bandgap regulator is used to provide
temperature compensated supply voltage for
internal circuits and allows a wide operating supply
range.
If a magnetic flux density larger than threshold Bop,
DO is turned on(low). The output state is held until
a magnetic flux density reversal falls below Brp
causing DO to be turned off (high).
Ordering Information
ATS177 X -X X X -X
Packing
Blank : Tube or Bulk
A : Tape & Reel
P: SIP3
W: SOT23
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B
Typical Application Circuit
+12V
U1
ATS177
VCC
1
GND
2
OUTPUT
3
Q1
NPN
Q2
NPN
R1
2K
R2
3K
D1
+ C1
0.47uF
+ C2
0.47uF
L1
L2
Brush-less DC Fan


Similar Part No. - ATS177

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
ATS177-P DIODES-ATS177-P Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177-PG-A-A DIODES-ATS177-PG-A-A Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
ATS177-PG-A-B DIODES-ATS177-PG-A-B Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
More results

Similar Description - ATS177

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U652 UTC-U652 Datasheet
132Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177 MPOWER-MA177 Datasheet
231Kb / 5P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com