Electronic Components Datasheet Search
  English  ▼

X  

BA6901F Datasheet(PDF) 5 Page - Rohm

Part # BA6901F
Description  2-Phase half-wave motor pre driver for fan motor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 5 Page - Rohm

  BA6901F Datasheet HTML 1Page - Rohm BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BA6901F
Motor driver ICs
5/10
!
Circuit operation
•Lock detect circuit, automatic restart circuit
Charge and discharge time at motor lock condition varies with the value of external capacitor at LD terminal, and is
given by the following equation.
Ton (Charge time)
=
ILDC
C
× (VLDCL−VLDCP)
Toff (Discharge time)
=
ILDD
C
× (VLDCL−VLDCP)
C
VLDCL
VLDCP
ILDC
ILDD
Value of capacitor at LD terminal
Clamp voltage of capacitor
Comparison voltage of capacitor
Charge current of capacitor
Discharge current of capacitor
:
:
:
:
:
(2.40V
Typ.)
(0.60V
Typ.)
(5.0
µA
Typ.)
(0.5
µA
Typ.)
The following value shows charge time and discharge time at C
=1.0µF for reference.
Charge time
=0.36sec.
(Output : ON)
Discharge time
=3.60sec.
(Output : OFF)
Shows timing chart of LD terminal.
Toff
Output Tr. OFF
VLDCL
Motor lock
Detect lock
Lock cancel
Depend on the hall output
Reset ordinary motion
H
+
A1
LD
AL
ALB
HO
VLDCP
ON
Ton
HIGH(Open collector)
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com