Electronic Components Datasheet Search
  English  ▼

X  

BA6901F Datasheet(PDF) 1 Page - Rohm

Part # BA6901F
Description  2-Phase half-wave motor pre driver for fan motor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 1 Page - Rohm

  BA6901F Datasheet HTML 1Page - Rohm BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BA6901F
Motor driver ICs
1/10
2-Phase half-wave motor pre driver for
fan motor
BA6901F
BA6901F is a 2-phase half-wave motor pre driver for fan motors. This IC has lock detection, and automatic restart
functions as motor protection function.
Variable speed control is possible by charge-discharge pulse circuit and PWM input. This IC incorporates current limit
circuit, hall signal output pin, and alarm signal output pin.
!
Applications
Fan motors
!
Features
1) Lock detection, automatic restart circuit.
2) Hall signal output.
3) Alarm signal output.
4) Current limit circuit.
5) PWM control (PWM pulse signal input).
6) Charge-discharge pulse circuit (Possible to control of variable speed by charge-discharge pulse circuit and PWM input).
7) Thermal shut down circuit.
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
IOUT
VSO
ISO
Tjmax
36
36
15
150
∗1
∗2
70
V
mA
°C
mA
V
Power dissipation
Pd
625
mW
Operating temperature
Topr
°C
°C
Storage temperature
Output current
Signal output voltage
Junction temperature
Signal output current
Tstg
∗1 To use at temperature above 25°C reduce 5.0mW / °C.
(On 70.0mm
×70.0mm×1.6mm glass epoxy board.)
∗2 This value is not to be over Pd and ASO.
−25~+75
−55~+150
!
Recommended operating conditions (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating supply voltage
VCC
3.5
−
28.0
V


Similar Part No. - BA6901F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
252Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
602Kb / 21P
Two-phase Full-wave DC Brushless Fan Motor Drivers
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_11 Datasheet
110Kb / 5P
Silicon Monolithic Integrated Circuit
BA6901F ROHM-BA6901F_12 Datasheet
602Kb / 21P
Two-phase Full-wave DC Brushless Fan Motor Drivers
More results

Similar Description - BA6901F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M_08 Datasheet
69Kb / 4P
For Fan Motor 2-phase Half-Wave Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com