Electronic Components Datasheet Search
  English  ▼

X  

BA6901F Datasheet(PDF) 7 Page - Rohm

Part # BA6901F
Description  2-Phase half-wave motor pre driver for fan motor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 7 Page - Rohm

Back Button BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm BA6901F Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BA6901F
Motor driver ICs
7/10
•CR, TOUT terminal
By connecting the external capacitor and resistor to the CR terminal, the saw tooth wave is produced by the charge-
discharge of the capacitor which are corresponding to the cycle of the hall signal.
The saw tooth wave of CR terminal varies with the external capacitor and resistor.
The waveform of the CR terminal passes through the buffer amplifier and is outputted to TOUT terminal.
The input voltage range of the CR terminal for the buffer amplifier of TOUT is 0.26V
∼VCC.
In case that the signal of the CR terminal is out of the range, outputted TOUT signal is not the same as the CR signal.
And, the voltage range of the TOUT terminal waveform is different from the CR terminal.
CR : VCRCP (0.35V ; Typ.)
∼ VCC
TOUT : VTOUTL (1.0V ; Typ.)
∼ VCC − VTOUTH (1.0V ; Typ.)
Hall input
CR
TOUT
VCC-VTOUTH
VCC-VTOUTH
VCRCP
VTOUTL
In case that the CR waveform exceeds
the VCC-VTOUTH.
Hall input
CR
TOUT
VCRCP
VTOUTL
In case that the CR waveform dose not
exceed the VCC-VTOUTH.
Timing chart for CR terminal, TOUT terminal
•PWM terminal
If the signal inputted to the PWM terminal is L (less than 0.8V), output (A1, A2) is forced to be turned off. For the normal
operation of output (A1, A2), PWM signal is needed to be H (more than 2.0V).
In case that PWM terminal is open, outputs are in the normal operation mode, because the PWM terminal is pulled up
with resistor (30k
Ω : Typ. ) in the IC.
The application circuit example that changes the rotation speed of fan motor dependent on ambient temperature by
using charge-discharge pulse circuit, PWM input and the thermistor is shown below.
+
−
Thermistor
H
Current
limit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com