Electronic Components Datasheet Search
  English  ▼

X  

SST12LF02 Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 5 Page - Microchip Technology

  SST12LF02 Datasheet HTML 1Page - Microchip Technology SST12LF02 Datasheet HTML 2Page - Microchip Technology SST12LF02 Datasheet HTML 3Page - Microchip Technology SST12LF02 Datasheet HTML 4Page - Microchip Technology SST12LF02 Datasheet HTML 5Page - Microchip Technology SST12LF02 Datasheet HTML 6Page - Microchip Technology SST12LF02 Datasheet HTML 7Page - Microchip Technology SST12LF02 Datasheet HTML 8Page - Microchip Technology SST12LF02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
©2015
DS-70005001D
01/15
5
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Pin Descriptions
Table 1: Pin Description
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
Low inductance ground pad
RX
1
0
RF output for receive path, DC decoupled.
GND
2
Ground
Ground pad
TX
3
I
RF input for transmit path, DC decoupled
VREG
4
PWR
1st and 2nd stage idle current control
P_Det
5
O
On-chip power detector
VCC1
6
Power Sup-
ply
PWR
Power supply, 1st stage
NC
7
No Connec-
tion
Unconnected Pin
NC
8
No Connec-
tion
Unconnected Pin
VCC2
9
Power Sup-
ply
PWR
Power supply, 2nd stage
GND
10
Ground
Ground pad
ANT
11
I/O
RF input for receive path, and RF output for transmit path, DC
decoupled
GND
12
Ground
Ground pad
BT
13
I/O
RF output for receive path, and RF input for transmit path, DC
decoupled. Used for Bluetooth®
BT_C
14
PWR
Switch control pin for BT (bidirectional) path.
TX_C
15
PWR
Switch control pin for TX path
RX_C
16
PWR
Switch control pin for RX path
T1.0 75001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com