Electronic Components Datasheet Search
  English  ▼

X  

SST12LF02 Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12LF02 Datasheet HTML 6Page - Microchip Technology SST12LF02 Datasheet HTML 7Page - Microchip Technology SST12LF02 Datasheet HTML 8Page - Microchip Technology SST12LF02 Datasheet HTML 9Page - Microchip Technology SST12LF02 Datasheet HTML 10Page - Microchip Technology SST12LF02 Datasheet HTML 11Page - Microchip Technology SST12LF02 Datasheet HTML 12Page - Microchip Technology SST12LF02 Datasheet HTML 13Page - Microchip Technology SST12LF02 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
©2015
DS-70005001D
01/15
10
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Typical Performance Characteristics
Test Conditions: VCC = 3.3V, TA = 25°C, 54 Mbps 802.11g OFDM Signal
Figure 4: EVM versus Output Power measured with Equalizer training using Sequence only
Figure 5: Dynamic EVM vs Output Power for MCS7-HT40 Modulation
1418 F4.1
0
1
2
3
4
5
6
7
8
9
10
11
121314151617181920212223
Output Power (dBm)
EVM versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
1418 F4.1
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Output Power (dBm)
Dynamic EVM versus Output Power
11n, 40MHz BW, MCS7, 135Mbps
2412
2442
2472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com