Electronic Components Datasheet Search
  English  ▼

X  

SST12LF02 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LF02
Description  2.4 GHz WLAN High-Gain, High-Efficiency FEM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF02 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LF02 Datasheet HTML 2Page - Microchip Technology SST12LF02 Datasheet HTML 3Page - Microchip Technology SST12LF02 Datasheet HTML 4Page - Microchip Technology SST12LF02 Datasheet HTML 5Page - Microchip Technology SST12LF02 Datasheet HTML 6Page - Microchip Technology SST12LF02 Datasheet HTML 7Page - Microchip Technology SST12LF02 Datasheet HTML 8Page - Microchip Technology SST12LF02 Datasheet HTML 9Page - Microchip Technology SST12LF02 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
©2015
DS-70005001D
01/15
6
2.4 GHz WLAN High-Gain, High-Efficiency FEM
SST12LF02
Data Sheet
Electrical Specifications
The DC and RF specifications for the power amplifier are specified below. Refer to Table 3 for the DC voltage
and current specifications. Refer to Figures 3 through 11 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Input power to pin 3 (PIN). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5 dBm
Average output power from pin 11 (POUT)1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +26 dBm
1. Never measure with CW source. Pulsed single-tone source with <50% duty cycle is recommended. Exceeding the max-
imum rating of average output power could cause permanent damage to the device.
Supply Voltage at pins 6 and 9 (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +4.0V
Reference voltage to pin 4 (VREF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +3.3V
DC supply current (ICC)2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 mA
2. Measured with 100% duty cycle 54 Mbps 802.11g OFDM Signal
Operating Temperature (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Table 2: Operating Range
Range
Ambient Temp
VCC
Extended
-20°C to +85°C
3.3V
Table 3: DC Electrical Characteristics at 25°C for TX Chain, 11g operation
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage at pins 6 and 9
3.0
3.3
3.6
V
ICQ
Idle current. No RF input, PA biased for 18 dBm at 3% EVM
65
mA
VREG
Reference Voltage
2.75
2.80
2.95
V
ICC
Supply Current
for 11g OFDM 54 Mbps signal, POUT = 21 dBm
160
mA
for 11b DSSS 1 Mbps signal, POUT = 21 dBm
165
mA
T3.1 75001
Table 4: DC Electrical Characteristics at 25°C for TX Chain, 11n and 256 QAM operation
Symbol
Parameter
Min.
Typ
Max.
Unit
ICQ
Idle current. No RF input, PA biased for 18 dBm at 3% EVM
80
mA
VREG
Reference Voltage
2.90
2.95
3.00
V
ICC
Supply Current
for 11n, MCS7, POUT = 17 dBm
120
mA
for 256 QAM, MCS9 POUT = 16 dBm
110
mA
T4.1 75001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com