Electronic Components Datasheet Search
  English  ▼

X  

BT860 Datasheet(PDF) 13 Page - Synaptics Incorporated.

Part # BT860
Description  Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT860 Datasheet(HTML) 13 Page - Synaptics Incorporated.

Back Button BT860 Datasheet HTML 9Page - Synaptics Incorporated. BT860 Datasheet HTML 10Page - Synaptics Incorporated. BT860 Datasheet HTML 11Page - Synaptics Incorporated. BT860 Datasheet HTML 12Page - Synaptics Incorporated. BT860 Datasheet HTML 13Page - Synaptics Incorporated. BT860 Datasheet HTML 14Page - Synaptics Incorporated. BT860 Datasheet HTML 15Page - Synaptics Incorporated. BT860 Datasheet HTML 16Page - Synaptics Incorporated. BT860 Datasheet HTML 17Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
Bt860/861
1.0 Functional Description
Multiport YCrCb to NTSC/PAL /SECAM
1.1 Pin Descriptions
D860DSA
Conexant
1-3
GRAPHIC AND BLENDING PINS
OSD[7:0]
I
40-39, 36-31
Dedicated graphic overlay port (TTL compatible.) Accepts pixel data in 8-bit YCrCb
4:2:2 format. Data is latched on the rising edge of the system clock(1) (2).
ALPHA[1:0]
I
30-29
Alpha blend pins. Provides for 1-, 2-, or 4-bit external blend selection between video
and graphic overlay data. Data is latched on the rising edge of the system clock(1) (2).
TELETEXT AND SERIAL CONTROL INTERFACE
TTXDAT
I
74
Teletext data input (TTL compatible)(1).
TTXREQ
O
73
Teletext request output (TTL compatible).
ALTADDR
I/O
62
Alternate slave address input (TTL compatible). This pin is sampled immediately
following a power-up or pin reset. A logical 1 corresponds to write address of 0x88
and a read address of 0x89, while a logical 0 corresponds to a write address of 0x8A
and a read address of 0x8B. See Chapter 5.0, for more detail. This pin also provides
special SCART signals when register field SCART_SEL
≠00.
SID
I/O
75
Serial programming interface data input/output (TTL compatible). Data is written to
and read from the device via this serial bus.
SIC
I
76
Serial programming interface clock input (TTL compatible). The maximum clock rate is
400 kHz.
ANALOG VIDEO
DACA
O
59
DAC A output. See Table 3-9.
DACB
O
58
DAC B output. See Table 3-9.
DACC
O
57
DAC C output. See Table 3-9.
DACD
O
44
DAC D output. See Table 3-9.
DACE
O
43
DAC E output. See Table 3-9.
DACF
O
42
DAC F output. See Table 3-9.
FSADJ1
FSADJ2
I53
48
Full-scale adjust control pin. Resistors RSET1 and RSET2 connected between these
pins and AGND control the full-scale output current of the DACs. For standard
operation, use the nominal values shown under Recommended Operating
Conditions. FSADJ1 controls DACs A/B/C and FSADJ2 controls DACs D/E/F.
VREF
O
49
Voltage reference pin. A 1.0 µF ceramic capacitor must be used to decouple this pin
to AGND. The capacitor must be as close to the device as possible to keep lead
lengths to an absolute minimum.
COMP1
COMP2
O54
47
Compensation pin. A 0.1 µF ceramic capacitor must be used to decouple this pin to
VAA. The capacitor must be as close to the device as possible to keep lead lengths
to an absolute minimum.
VBIAS1
VBIAS2
O56
45
DAC bias voltage. Use a 0.1 µF ceramic capacitor to bypass this pin to AGND; the
capacitor must be as close to the device as possible to keep lead lengths to an
absolute minimum.
Table 1-1. Pin Assignments (2 of 3)
Pin Name
I/O
Pin #
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com