Electronic Components Datasheet Search
  English  ▼

X  

BT860 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # BT860
Description  Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT860 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  BT860 Datasheet HTML 1Page - Synaptics Incorporated. BT860 Datasheet HTML 2Page - Synaptics Incorporated. BT860 Datasheet HTML 3Page - Synaptics Incorporated. BT860 Datasheet HTML 4Page - Synaptics Incorporated. BT860 Datasheet HTML 5Page - Synaptics Incorporated. BT860 Datasheet HTML 6Page - Synaptics Incorporated. BT860 Datasheet HTML 7Page - Synaptics Incorporated. BT860 Datasheet HTML 8Page - Synaptics Incorporated. BT860 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
D860DSA
Conexant
Information provided by Conexant Systems, Inc. (Conexant) is believed to be accurate and reliable. However, no responsibility is
assumed by Conexant for its use, nor any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent rights of Conexant other than for circuitry embodied in Conexant
products. Conexant reserves the right to change circuitry at any time without notice. This document is subject to change without
notice.
Conexant products are not designed or intended for use in life support appliances, devices, or systems where malfunction of a
Conexant product can reasonably be expected to result in personal injury or death. Conexant customers using or selling Conexant
products for use in such applications do so at their own risk and agree to fully indemnify Conexant for any damages resulting from
such improper use or sale.
Conexant and “What’s Next in Communications Technologies” are trademarks of Conexant Systems, Inc.
This device is protected by U.S. patent numbers 4,631,603, 4,577,216, and 4,819,098, and other intellectural property rights. The use
of Macrovision’s copy protection technology in the device must be authorized by Macrovison and is intended for home and other
limited pay-per-view uses only, unless otherwise authorized in writing by Macrovision. Reverse engineering or disassembly is
prohibited.
Product names or services listed in this publication are for identification purposes only, and may be trademarks or registered
trademarks of their respective companies. All other marks mentioned herein are the property of their respective holders.
© 1999 Conexant Systems, Inc.
Printed in U.S.A.
All Rights Reserved
Reader Response: To improve the quality of our publications, we welcome your feedback. Please send comments or
suggestions via e-mail to Conexant Reader Response@conexant.com. Sorry, we can't answer your technical
questions at this address. Please contact your local Conexant sales office (listed on back page) or applications
engineer if you have technical questions.
Ordering Information
Model Number
Package
Operating Temperature
Bt860KRF
80–Pin MQFP
0 °C–70 °C
Bt861KRF
80–Pin MQFP
0 °C–70 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com