Electronic Components Datasheet Search
  English  ▼

X  

BT860 Datasheet(PDF) 21 Page - Synaptics Incorporated.

Part # BT860
Description  Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT860 Datasheet(HTML) 21 Page - Synaptics Incorporated.

Back Button BT860 Datasheet HTML 17Page - Synaptics Incorporated. BT860 Datasheet HTML 18Page - Synaptics Incorporated. BT860 Datasheet HTML 19Page - Synaptics Incorporated. BT860 Datasheet HTML 20Page - Synaptics Incorporated. BT860 Datasheet HTML 21Page - Synaptics Incorporated. BT860 Datasheet HTML 22Page - Synaptics Incorporated. BT860 Datasheet HTML 23Page - Synaptics Incorporated. BT860 Datasheet HTML 24Page - Synaptics Incorporated. BT860 Datasheet HTML 25Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
Bt860/861
2.0 Inputs and Timing
Multiport YCrCb to NTSC/PAL /SECAM
2.2 Digital Video Ports
D860DSA
Conexant
2-5
2.2.5 Alpha Pin Blending
The ALPHA[1:0] pins are used to select the amount of blending per pixel when
BLENDMODE = 1. The pins are sampled at the system clock rate and samples
during both luma and chroma components may be captured to create 1-, 2-, or
4-bit blend factors. For 1- and 2-bit blend modes, the multiplier LUT (in registers
ALPHA_LUT_0 through ALPHA_LUT_3 is programmed with user-defined
multiplier values.
In 1-bit blend mode, the ALPHA[0] pin indexes registers ALPHA_LUT_0
and ALPHA_LUT_3 to generate the multiplier value. In 2-bit blend mode, the
ALPHA[1:0] pins are used as a 2-bit index for registers ALPHA_LUT_0 through
ALPHA_LUT_3.
In 4-bit blend mode, the four bits required are captured in successive load
clocks from ALPHA[1:0]. The two LSBs of the 4-bit value are latched during the
luma portion of the overlay data load, and the two MSBs are latched during the
chroma component load. These four bits provide a direct multiplier for the
blending module. Figure 2-2 illustrates the alpha blending timing diagram.
2.2.6 Content-based Blending
Content-based blending uses the two LSBs of the overlay byte associated with the luma
pixel to address the multiplier lookup table (registers ALPHA_LUT_0 through
ALPHA_LUT_3). This method is selected by setting BLENDMODE = 0, and is a
convenient means of using blending when no alpha pins exist from the overlay device.
Figure 2-2. Alpha Blending Timing Diagram
Cb0
Y0
Cr0
Y1
Cb2
Y2
Cr2
Y3
A[3]0 A[1]0
A[3]1
A[1]1 A[3]2 A[1]2 A[3]3
A[1]3
A[2]0 A[0]0
A[2]1
A[0]1 A[2]2 A[0]2 A[2]3
A[0]3
8-bit Overlay
Data
System Clock
4-bit Alpha
2-bit Alpha
2-bit Content-
based Alpha
ALPHA[1]
ALPHA[0]
ALPHA[1]
ALPHA[0]
ALPHA[1]
ALPHA[0]
OSD[1]/P[1]
OSD[0]/P[0]
OSD[7:0]/P[7:0]
A[1]0
A[1]1
A[1]2
A[1]3
A[0]0
A[0]1
A[0]2
A[0]3
A[0]0
A[0]1
A[0]2
A[0]3
A[1]0
A[1]1
A[1]2
A[1]3
A[0]0
A[0]1
A[0]2
A[0]3
1-bit Alpha
861_026
NOTE(S):
1. Shaded areas indicate which video components are affected by each multiplier or index.
2. A blank data packet means this data carries no alpha information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com