Electronic Components Datasheet Search
  English  ▼

X  

AMS3121 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS3121
Description  Current Limit protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3121 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS3121 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AMS3121
2A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
1
Fax (925) 443-0723
General Description
The AMS3121 is a high performance linear regulator
with very low dropout voltage and excellent transient
response. It is designed to operate with wide input
voltage range of 1.5 – 7Volts making it ideal for two
step conversion while maintaining high efficiency for
many power sensitive applications. The device is
capable of supplying 2A of output current with a
typical dropout voltage of 550mV at 2A. The product
is only available in a fixed output voltage option.
The product includes complete short-circuit and
thermal protection. The combination of these two
internal protection circuits gives the device a
comprehensive safety system to safe guard against
extreme adverse operating conditions.
The AMS3121 is available in both 3-pin TO-220 and
TO-263 packages, and it is rated for -40°C to
+125°C temperature range.
Features
•
VIN range: 1.5 – 7V
•
Fixed output voltage as low as 0.6V
•
2A maximum output current
•
550mV typical dropout voltage at 2A
•
Low self noise
•
125µA typical supply current
•
PSRR >40dB at 10KHz
•
Stable with Electrolytic, Tantalum or
Ceramic capacitors
•
Current Limit protection
•
Over-Temperature Shutdown
•
-40 to +125°C temperature range
•
Available in 3-pin TO-220 and TO-263
surface mount packages
•
RoHS & WEEE compliant
Applications
•
Set-top Box
•
DVD, Blue-ray DVD writers
•
LCD TVs and LCD monitors
•
Battery Powered Equipment
•
Infotainment
•
Wireless & RF: applications
•
High Efficiency “Green” Laptops & notebook
Typical Application


Similar Part No. - AMS3121

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3121 AMS-AMS3121 Datasheet
327Kb / 9P
2A Fast Transient Linear Regulator
AMS3121M-XX AMS-AMS3121M-XX Datasheet
327Kb / 9P
2A Fast Transient Linear Regulator
AMS3121T-XX AMS-AMS3121T-XX Datasheet
327Kb / 9P
2A Fast Transient Linear Regulator
More results

Similar Description - AMS3121

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
Current Limit Protection
AD4C311-L SSOUSA-AD4C311-L Datasheet
220Kb / 5P
Current limit protection
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
Output current limit and short circuit protection
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
Current limit protection
logo
Advanced Monolithic Sys...
AMS3109 ADMOS-AMS3109 Datasheet
584Kb / 10P
Current Limit protection
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
Current Limit protection
logo
Maxim Integrated Produc...
MAX14626EVKIT MAXIM-MAX14626EVKIT Datasheet
377Kb / 6P
Evaluates Current-Limit Protection
Rev 0; 9/13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com