Electronic Components Datasheet Search
  English  ▼

X  

AMS3121 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS3121
Description  Current Limit protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3121 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS3121 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMS3121
2A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
6
Fax (925) 443-0723
Functional Block Diagram
VREF= 0.6V
R1
R2
+
-
Error
Amp
Current Limit
Over Temperature
VIN
GND
VOUT
Enable
Figure 1: Block Diagram of AMS 3121 3-Pin TO-220 (T) / TO-263 (M)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com