Electronic Components Datasheet Search
  English  ▼

X  

AMS3121 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS3121
Description  Current Limit protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3121 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS3121 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3121 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ty
02/11/2010
ypical Perfo
0
10
20
30
40
50
60
70
0.0
Gro
-0.2
-0.1
0.0
0.1
0.2
3
-0.2
-0.1
0.0
0.1
0.2
0.0
0
ormance C
0.4
0.8
Output Cu
und Current
V
OUT=2.5
4
Input
Line Regul
0.1
Output
Load
Characteris
8
1.2
urrent (A)
vs. Output C
5V, V
IN=3.3V
5
Voltage (V)
lation V
OUT =
1.0
t Current (A)
Regulation
www.ad
stics (TA = 2
1.6
2.0
Current
67
2.5V
10.0
dvanced-mono
4
25°C unless o
0
0
2A Fas
olithic.com
otherwise sp
1.792
1.794
1.796
1.798
1.800
1.802
1.804
1.806
1.808
-50
-
Outp
0.0
0.2
0.4
0.6
0.8
1.0
-50
-
D
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
Dro
A
st Transien
pecified)
-25
0
2
Ambient T
put Voltage T
-25
0
2
Ambient T
ropout Volta
0.5
Output C
opout Voltag
AMS3
nt Linear R
Phone (925)
Fax (925)
255075
Temperature
Temperature
2550
75
Temperature
age vs. Temp
1A
2A
1
Current (A)
ge vs. Outpu
VO
3121
egulator
) 443-0722
) 443-0723
5
100 125
(ºC)
Variation
5
100 125
e (°C)
perature
1.5
2
ut Current
OUT = 2.5V
5
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com