Electronic Components Datasheet Search
  English  ▼

X  

AR1011 Datasheet(PDF) 34 Page - Microchip Technology

Part # AR1011
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011 Datasheet(HTML) 34 Page - Microchip Technology

Back Button AR1011 Datasheet HTML 30Page - Microchip Technology AR1011 Datasheet HTML 31Page - Microchip Technology AR1011 Datasheet HTML 32Page - Microchip Technology AR1011 Datasheet HTML 33Page - Microchip Technology AR1011 Datasheet HTML 34Page - Microchip Technology AR1011 Datasheet HTML 35Page - Microchip Technology AR1011 Datasheet HTML 36Page - Microchip Technology AR1011 Datasheet HTML 37Page - Microchip Technology AR1011 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 34
 2009-2016 Microchip Technology Inc.
9.3.4.1
AR1010/AR1020 Calibrate
Response
A successful CALIBRATE command results in five
response packets being sent to the host.
Once the response has been received for the
completed 4th target, a delay of one second must be
implemented prior to sending any commands to the
controller. This one second delay insures all data has
been completely written to the EEPROM.
9.3.4.2
AR1011/AR1021 Calibrate
Response
A successful CALIBRATE command results in six
response packets being sent to the host.
Send:
<0x55><0x02><0x14><Calibration Type>
Calibration Type
Description
0x04
4 point
Receive: <0x55><0x02><0x00><0x14>
for initial command response
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #1
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #2
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #3
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #4
Send:
<0x55><0x02><0x14><Calibration Type>
Calibration Type
Description
0x04
4 point
Receive: <0x55><0x02><0x00><0x14>
for initial command response
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #1
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #2
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #3
<0x55><0x02><0x00><0x14>
Response for touch of Calibration point #4
<0x55><0x02><0x00><0x14>
Response after EEPROM has been written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com