Electronic Components Datasheet Search
  English  ▼

X  

AR1011 Datasheet(PDF) 11 Page - Microchip Technology

Part # AR1011
Description  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011 Datasheet(HTML) 11 Page - Microchip Technology

Back Button AR1011 Datasheet HTML 7Page - Microchip Technology AR1011 Datasheet HTML 8Page - Microchip Technology AR1011 Datasheet HTML 9Page - Microchip Technology AR1011 Datasheet HTML 10Page - Microchip Technology AR1011 Datasheet HTML 11Page - Microchip Technology AR1011 Datasheet HTML 12Page - Microchip Technology AR1011 Datasheet HTML 13Page - Microchip Technology AR1011 Datasheet HTML 14Page - Microchip Technology AR1011 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
 2009-2016 Microchip Technology Inc.
DS40001393C-page 11
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
3.4
5-Wire Touch Sensor Interface
Sensor tail pinouts can vary by manufacturer and part
number. Ensure sensor tail pins for one pair of
diagonally related sensor corners are connected to the
controller’s X-/X+ pins and the tail pins for the other pair
of diagonally related corners are connected to the
controller’s Y-/Y+ pins.
The controller’s X-/X+ and Y-/Y+ pin pairs do not need
to connect to a specific sensor axis. The orientation of
controller pins X- and X+ to the two selected diagonal
sensor corners is not important.
Likewise, the orientation of controller pins Y- and Y+ to
the other two selected diagonal sensor corners is not
important. The sensor tail pin connected to its top layer
must be connected to the controller’s 5WSX- pin.
Connections to a 5-wire touch sensor are shown in
Figure 3-3 below.
FIGURE 3-3:
5-WIRE TOUCH SENSOR INTERFACE
Tie unused controller pins SX+, SY-, and SY+ to VSS.
See
“Section 3.8
“ESD
Considerations”
and
Section 3.9 “Noise Considerations”
for important
information regarding the capacitance of the controller
schematic hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com