Electronic Components Datasheet Search
  English  ▼

X  

LAN89730 Datasheet(PDF) 53 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 53 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 49Page - Microchip Technology LAN89730 Datasheet HTML 50Page - Microchip Technology LAN89730 Datasheet HTML 51Page - Microchip Technology LAN89730 Datasheet HTML 52Page - Microchip Technology LAN89730 Datasheet HTML 53Page - Microchip Technology LAN89730 Datasheet HTML 54Page - Microchip Technology LAN89730 Datasheet HTML 55Page - Microchip Technology LAN89730 Datasheet HTML 56Page - Microchip Technology LAN89730 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 53
LAN89730
4.4.2.1
TX Command Format
As shown in Figure 4-5, each buffer starts with a two DWORD TX Command. The TX Command instructs the FCT on
the handling of the associated buffer. The command precedes the data to be transmitted. The TX Command is divided
into two, 32-bit words; TX Command A and TX Command B.
Both TX Command A and TX Command B are required for each buffer in a given packet. TX Command B must be iden-
tical for every buffer in a given packet, with the exception of the TX Checksum Enable (CK) bit. If the TX Command B
DWORDs do not match, the FCT will assert the Transmitter Error (TXE) flag.
Frame boundaries are delineated using control bits within the TX Command. The Frame Length field in TX Command
B specifies the number of bytes in the associated frame. All Frame Length fields must have the same value for all buffers
in a given Frame. Hardware compares the Frame Length field and the actual amount of data received. If the actual frame
length count does not match the Frame Length field, an error has occurred.
The formats of TX Command A and TX Command B are shown in Table 4-41 and Table 4-42, respectively.
TABLE 4-41:
TX COMMAND A FORMAT
Bits
Description
31:18
RESERVED
17:16
Data Start Offset (bytes)
This field specifies the offset of the first byte of TX Data. The offset value ranges between 0 bytes and
3 bytes.
15:14
RESERVED
13
First Segment
When set, this bit indicates that the associated buffer is the first segment of the frame.
12
Last Segment
When set, this bit indicates that the associated buffer is the last segment of the frame.
11
RESERVED
10:0
Buffer Size (bytes)
This field indicates the number of bytes contained in the buffer following the two command DWORDS
(TX Command A and TX Command B). This value, along with the Data Start Offset field, is used by the
FCT to determine how many extra bytes were added to the end of the Buffer. A running count is also
maintained in the FCT of the cumulative buffer sizes for a given frame. This cumulative value is com-
pared against the Frame Length field in the TX Command B Word and if they do not correlate, the TXE
flag is set.
The buffer size specified does not include bytes added due to the end of buffer alignment padding or
the Data Start Offset field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com