Electronic Components Datasheet Search
  English  ▼

X  

LAN89730 Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 5Page - Microchip Technology LAN89730 Datasheet HTML 6Page - Microchip Technology LAN89730 Datasheet HTML 7Page - Microchip Technology LAN89730 Datasheet HTML 8Page - Microchip Technology LAN89730 Datasheet HTML 9Page - Microchip Technology LAN89730 Datasheet HTML 10Page - Microchip Technology LAN89730 Datasheet HTML 11Page - Microchip Technology LAN89730 Datasheet HTML 12Page - Microchip Technology LAN89730 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 9
LAN89730
1.2.8
TAP CONTROLLER
IEEE 1149.1 compliant TAP Controller supports boundary scan and various test modes.
The device includes an integrated JTAG boundary-scan test port for board-level testing. The interface consists of five
pins (TDO, TDI, TCK, TMS, and nTRST) and includes a state machine, data register array and an instruction register.
The JTAG pins are described in Table 2-3, “JTAG Pins”. The JTAG interface conforms to the IEEE Standard 1149.1 -
1990 Standard Test Access Port (TAP) and Boundary-Scan Architecture.
All input and output data is synchronous to the TCK test clock input. TAP input signals TMS and TDI are clocked into
the test logic on the rising edge of TCK, while the output signal TDO is clocked on the falling edge.
The JTAG logic is reset via Power on Reset (POR) or when the nTRST pin is asserted active-low.
The implemented IEEE 1149.1 instructions and their op codes are shown in Table 1-1.
1.2.9
CONTROL AND STATUS REGISTERS (CSR)
LAN89730’s functions are controlled and monitored by the host via the Control and Status Registers (CSRs). This reg-
ister space includes registers that control and monitor the USB controller, as well as elements of overall system opera-
tion (System Control and Status Registers - SCSRs), the MAC (MAC Control and Status Registers - MCSRs), and the
PHY (accessed indirectly through the MAC via the MII_ACCESS and MII_DATA registers). The CSR may be accessed
via the USB Vendor Commands (REGISTER READ/REGISTER WRITE). Refer to Section 4.3.3, "USB Vendor Com-
mands" for more information.
1.2.10
RESETS
LAN89730 supports the following system reset events:
• Power on Reset (POR)
• Hardware Reset Input Pin Reset (nRESET)
• Lite Reset (LRST) (Does not affect the UDC)
• Software Reset (SRST)
• USB Reset
The device supports the following module level reset events:
• Ethernet PHY Software Reset (PHY_RST)
• nTRST Pin Reset for Tap Controller
1.2.11
TEST FEATURES
Read/write access to internal SRAMs is provided via the CSRs. JTAG-based USB BIST is available. Full internal scan
and At Speed scan are supported.
TABLE 1-1:
IEEE 1149.1 OP CODES
Instruction
Op Code
Comment
Bypass
111111b
Mandatory Instruction
Sample/Preload
000100b
Mandatory Instruction
EXTEST
000001b
Mandatory Instruction
HIGHZ
000011b
Optional Instruction
IDCODE
001010b
Optional Instruction
Note:
The JTAG device ID is 0001445h.
Note:
All digital I/O pins support IEEE 1149.1 operation. Analog pins and the XI/XO pins do not support IEEE
1149.1 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com