Electronic Components Datasheet Search
  English  ▼

X  

LAN89730 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 1 Page - Microchip Technology

  LAN89730 Datasheet HTML 1Page - Microchip Technology LAN89730 Datasheet HTML 2Page - Microchip Technology LAN89730 Datasheet HTML 3Page - Microchip Technology LAN89730 Datasheet HTML 4Page - Microchip Technology LAN89730 Datasheet HTML 5Page - Microchip Technology LAN89730 Datasheet HTML 6Page - Microchip Technology LAN89730 Datasheet HTML 7Page - Microchip Technology LAN89730 Datasheet HTML 8Page - Microchip Technology LAN89730 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 1
Highlights
• Single Chip HSIC USB 2.0 to 10/100 Ethernet
Controller
• Integrated 10/100 Ethernet MAC with Full-Duplex
Support
• Integrated 10/100 Ethernet PHY with HP Auto-
MDIX Support
• Integrated USB 2.0 Hi-Speed Device Controller
• Integrated HSIC Interface1
• Implements Reduced Power Operating Modes
Target Applications
• Diagnostic Interface
(for Dealership Service Bay)
• Fast Software Download Interface
(e.g., OBD Connector)
• Gateway Service Interface
(Dealership, Aftermarket Repair Shop)
• In-vehicle Engineering Development Interface
• Vehicle Manufacturing Test Interface
(Production Plant Assembly Line)
• Legislated Inspections
(Emissions Check, Safety Inspections)
Key Features
• USB Device Controller
- Fully compliant with Hi-Speed Universal Serial
Bus Specification, revision 2.0
- Supports HS (480 Mbps) mode
- Four Endpoints supported
- Supports vendor specific commands
- Integrated HSIC Interface
- Remote wakeup supported
• High-Performance 10/100 Ethernet Controller
- Fully compliant with IEEE 802.3/802.3u
- Integrated Ethernet MAC and PHY
- 10BASE-T and 100BASE-TX support
- Full- and half-duplex support
- Full- and half-duplex flow control
- Preamble generation and removal
- Automatic 32-bit CRC generation and checking
- Automatic payload padding and pad removal
- Loop-back modes
- TCP/UDP/IP/ICMP checksum offload support
- Flexible address filtering modes
- One 48-bit perfect address
- 64 hash-filtered multicast addresses
- Pass all multicast
- Promiscuous mode
- Inverse filtering
- Pass all incoming with status report
- Wakeup packet support
- Integrated Ethernet PHY
- Auto-negotiation
- Automatic polarity detection and correction
- HP Auto-MDIX support
- Link status change wake-up detection
- Support for three status LEDs
• Power and I/Os
- Various low power modes
- Supports PCI-like PME wake when USB host dis-
abled
-11 GPIOs
- Supports bus-powered and self-powered opera-
tion
- Integrated power-on reset circuit
- Single external 3.3 V I/O supply
- Optional internal core regulator
• Miscellaneous Features
- EEPROM controller
- Supports custom operation without EEPROM
- IEEE 1149.1 (JTAG) boundary scan
- Requires single 25 MHz crystal
• Software
- Windows® 8/7/XP/Vista driver
- Linux® driver
- Win CE driver
-MAC® OS driver
- EEPROM utility
• Packaging
- 56-pin VQFN (8 x 8 mm), RoHS-compliant
• Environmental
- -40°C to +85°C temperature range
1. Compliant to HSIC ECN as of May 2010
LAN89730
High-Speed Inter-Chip (HSIC) USB 2.0 to 10/100 Ethernet
Controller for Automotive Applications


Similar Part No. - LAN89730

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN89218 MICROCHIP-LAN89218 Datasheet
1Mb / 148P
High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
07/14/15
LAN89218AQ-B MICROCHIP-LAN89218AQ-B Datasheet
1Mb / 148P
High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
07/14/15
LAN89218AQR-B MICROCHIP-LAN89218AQR-B Datasheet
1Mb / 148P
High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
07/14/15
LAN89530 MICROCHIP-LAN89530 Datasheet
1Mb / 218P
Integrated USB 2.0 Hi-Speed Device Controller
07/14/15
More results

Similar Description - LAN89730

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3651TNFC RENESAS-R5F3651TNFC_11 Datasheet
891Kb / 115P
This MCU consumes low power, and supports operating modes
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
This MCU consumes low power, and supports operating modes
R5F363A6NFA RENESAS-R5F363A6NFA_11 Datasheet
918Kb / 119P
This MCU consumes low power, and supports operating modes
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
163Kb / 11P
Securely implements host algorithms
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
Operating supply modes
8T49N281 IDT-8T49N281 Datasheet
1Mb / 63P
Operating modes: locked to input signal
logo
CML Microcircuits
FX929B CMLMICRO-FX929B Datasheet
1Mb / 48P
Flexible Operating Modes
logo
Microchip Technology
MCP37211-200 MICROCHIP-MCP37211-200 Datasheet
2Mb / 142P
Power-Saving Modes
06/23/16
MCP37231 MICROCHIP-MCP37231 Datasheet
2Mb / 144P
Power-Saving Modes
06/23/16
logo
STMicroelectronics
AN2629 STMICROELECTRONICS-AN2629 Datasheet
468Kb / 43P
low-power modes
30-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com