| Electronic Components Datasheet Search |
|
LAN89730 Datasheet(PDF) 105 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 Datasheet(HTML) 105 Page - Microchip Technology |
|
105 / 218 page ![]() 2013-2015 Microchip Technology Inc. DS60001348A-page 105 LAN89730 4.12.1 DETECTING WAKEUP EVENTS The following sections illustrate and discuss the wakeup detection logic. 4.12.1.1 Wake Detection Logic A simplified diagram of the wake event detection logic is shown in Figure 4-30. The functionality of GPIOs 0-6 and GPIOs 8-10 is slightly different. The functionality of GPIO7 is similar to that of GPIOs 0-6, with the additional requirement that it must cause a wakeup event when enabled for use in PHY Link Up detection. GPIOs 8-10 are available for use in both internal and external Ethernet PHY mode of operation. Their functionality is depicted in Figure 4-33. FIGURE 4-30: WAKE EVENT DETECTION BLOCK DIAGRAM Note: Diagram does not represent actual hardware implementation. Note: GPIOs 0-7 are only available for use during internal Ethernet PHY mode of operation. The functionality of GPIOs 0-6 is depicted in Figure 4-31, while that of GPIO7 is shown in Figure 4-32. WOL_EN (PMT_CTL Register) RW WUPS[1] (PMT_CTL Register) SUSPEND0 ED_EN (PMT_CTL Register) RW WUPS[0] (PMT_CTL Register) MPEN (WUSCR Register) RW MPR (WUSCR Register) GPIO0_DET . . . remote_wake PFDA_EN (WUSCR Register) RW BCAST_EN (WUSCR Register) RW Good Frame Received SUSPEND1 SUSPEND2 SUSPEND3 GUEN (WUSCR Register) RW GPIO10_DET MP detect BCAST_FR (WUCSR Register) BCast detect PFDA_FR (WUSCR Register) PFDA detect WUFR (WUSCR Register) WU detect GU detect WUEN (WUSCR Register) RW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |