Electronic Components Datasheet Search
  English  ▼

X  

LAN89730 Datasheet(PDF) 177 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 177 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 173Page - Microchip Technology LAN89730 Datasheet HTML 174Page - Microchip Technology LAN89730 Datasheet HTML 175Page - Microchip Technology LAN89730 Datasheet HTML 176Page - Microchip Technology LAN89730 Datasheet HTML 177Page - Microchip Technology LAN89730 Datasheet HTML 178Page - Microchip Technology LAN89730 Datasheet HTML 179Page - Microchip Technology LAN89730 Datasheet HTML 180Page - Microchip Technology LAN89730 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 177
LAN89730
6.5
PHY Registers
The PHY registers are not memory mapped. These registers are accessed indirectly through the MAC via the MII
Access Register (MII_ACCESS) and MII Access Register (MII_ACCESS). An index is used to access individual PHY
registers. PHY Register Indexes are shown in Table 6-6, "PHY Control and Status Register" below.
Note:
The NASR (Not Affected by Software Reset) designation is only applicable when bit 15 of the PHY Basic
Control Register (Reset) is set.
TABLE 6-6:
PHY CONTROL AND STATUS REGISTER
Index
(In Decimal)
Register Name
0
Basic Control Register
1
Basic Status Register
2
PHY Identifier 1 Register
3
PHY Identifier 2 Register
4
Auto Negotiation Advertisement Register
5
Auto Negotiation Link Partner Ability Register
6
Auto Negotiation Expansion Register
16
EDPD NLP/Crossover TimeRegister
17
Mode Control/Status Register
18
Special Modes Register
26
Symbol Error Counter Register
27
Special Control/Status Indications Register
29
Interrupt Source Flag Register
30
Interrupt Mask Register
31
PHY Special Control/Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com