Electronic Components Datasheet Search
  English  ▼

X  

MCP79412 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP79412
Description  Dual Programmable Alarms
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 38Page - Microchip Technology MCP79412 Datasheet HTML 39Page - Microchip Technology MCP79412 Datasheet HTML 40Page - Microchip Technology MCP79412 Datasheet HTML 41Page - Microchip Technology MCP79412 Datasheet HTML 42Page - Microchip Technology MCP79412 Datasheet HTML 43Page - Microchip Technology MCP79412 Datasheet HTML 44Page - Microchip Technology MCP79412 Datasheet HTML 45Page - Microchip Technology MCP79412 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
MCP79410/MCP79411/MCP79412
DS20002266H-page 42
 2010-2016 Microchip Technology Inc.
6.2.5
EEPROM CURRENT ADDRESS
READ
The MCP7941X contains an address counter that
maintains the address of the last byte accessed,
internally incremented by one. Therefore, if the
previous read access was to address n (n is any legal
address), the next current address read operation
would access data from address n + 1.
Upon receipt of the control byte with R/W bit set to ‘1’,
the MCP7941X issues an Acknowledge and transmits
the 8-bit data word. The master will not acknowledge
the transfer, but generate a Stop condition, and the
MCP7941X discontinues transmission (Figure 6-9).
FIGURE 6-9:
EEPROM CURRENT
ADDRESS READ
6.2.6
EEPROM RANDOM READ
Random read operations allow the master to access
any EEPROM location in a random manner. To perform
this type of read operation, first the address must be
set.
This is done by sending the address to the MCP7941X
as part of a write operation (R/W bit set to ‘0’). After the
address is sent, the master generates a Start condition
following the Acknowledge. This terminates the write
operation, but not before the internal Address Pointer is
set. Then, the master issues the control byte again but
with the R/W bit set to a ‘1’. The MCP7941X will then
issue an Acknowledge and transmit the 8-bit data word.
The master will not acknowledge the transfer but it
does generate a Stop condition which causes the
MCP7941X to discontinue transmission (Figure 6-10).
After a random Read command, the internal address
counter will point to the address location following the
one that was just read.
6.2.7
EEPROM SEQUENTIAL READ
Sequential reads are initiated in the same way as a
random read except that after the MCP7941X transmits
the first data byte, the master issues an Acknowledge
as opposed to the Stop condition used in a random
read. This Acknowledge directs the MCP7941X to
transmit the next sequentially addressed 8-bit word
(Figure 6-11). Following the final byte transmitted to the
master, the master will NOT generate an Acknowledge
but will generate a Stop condition. To provide
sequential reads, the MCP7941X contains an internal
Address Pointer which is incremented by one at the
completion of each operation. This Address Pointer
allows the entire EEPROM block to be serially read
during one operation. The internal Address Pointer will
automatically roll over from address 0x7F to address
0x00 if the master acknowledges the byte received
from address 0x7F.
FIGURE 6-10:
EEPROM RANDOM READ
FIGURE 6-11:
EEPROM SEQUENTIAL READ
Note:
The Address Pointer is shared between
the SRAM/RTCC registers and the
EEPROM.
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
CONTROL
BYTE
S
T
A
R
T
DATA
A
C
K
N
O
A
C
K
11
00
1
BYTE
11 1
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
N
O
A
C
K
A
C
K
A
C
K
S
T
O
P
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
CONTROL
BYTE
DATA
BYTE
S
T
A
R
T
S 101 0
0
111
S 1 010
1
P
11 1
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
DATA n
DATA n + 1
DATA n + 2
DATA n + X
N
O
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com