Electronic Components Datasheet Search
  English  ▼

X  

AEW01CC48 Datasheet(PDF) 8 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 4Page - Astec America, Inc AEW01CC48 Datasheet HTML 5Page - Astec America, Inc AEW01CC48 Datasheet HTML 6Page - Astec America, Inc AEW01CC48 Datasheet HTML 7Page - Astec America, Inc AEW01CC48 Datasheet HTML 8Page - Astec America, Inc AEW01CC48 Datasheet HTML 9Page - Astec America, Inc AEW01CC48 Datasheet HTML 10Page - Astec America, Inc AEW01CC48 Datasheet HTML 11Page - Astec America, Inc AEW01CC48 Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
8
Electrical Characteristic (continued)
List 6 Common characteristics
Parameter
Model
Minimum
Typical
Maximum
Unit
MTBF (according to Bellcore
standard, I=80% rated current,
operating temperature 40
°C)
All
—
1,300,000
—
Hour (h)
Weight
All
—
—
120
grams g
Hand soldering time ( pin temperature
425
°C)
All
—
—
15
second
S
List 7 On/OFF characteristics
Parameter
Model
Symbol
Minimum
Typical Maximum
Unit
Start delay and rise time
(80% rated load, ambient
temperature 25
°C)
1.
CNT is set on, input voltage
sudden change (ON)(figure 5)
All
Tdelay
—
20
—
ms
2.
In the available range of input
voltage, CNT voltage sudden
change (ON) (figure 6)
All
Tdelay
—
0.2
—
ms
3.
Output voltage rise time
All
Trise
—
5
—
ms
4.
Output voltage rush over
All
—
—
0
—
%Vo
List 8 Safety Characteristics
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
Isolation voltage:
Input - output
Input -case
Output - case
All
All
All
1500
1500
1500
Vdc
Vdc
Vdc
Isolation resistance
All
300
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com