Electronic Components Datasheet Search
  English  ▼

X  

AEW01CC48 Datasheet(PDF) 26 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 26 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 22Page - Astec America, Inc AEW01CC48 Datasheet HTML 23Page - Astec America, Inc AEW01CC48 Datasheet HTML 24Page - Astec America, Inc AEW01CC48 Datasheet HTML 25Page - Astec America, Inc AEW01CC48 Datasheet HTML 26Page - Astec America, Inc AEW01CC48 Datasheet HTML 27Page - Astec America, Inc AEW01CC48 Datasheet HTML 28Page - Astec America, Inc AEW01CC48 Datasheet HTML 29Page - Astec America, Inc AEW01CC48 Datasheet HTML 30Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
26
Operating characteristic (continued)
Fig. 1
24V input voltage range (typ.)
Fig. 2
48V input voltage range (typ.)
Fig. 3
Dynamic Response
Fig. 4
Dynamic Response
50%-75% Io1 load variable, Tc=25
°C
50%-75% Io1 load variable, Tc=25
°C
Fig. 5
Output voltage rise up (AV30-48T0512 typ.)
Fig. 6
Output voltage rise up (AV30-48T0512 typ.)
(Power on character, Io=80%Io,max,Tc=25
°C)
current signal on CNT, Io=80%Io,max, Tc=25
°C)
input
output
input
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com