Electronic Components Datasheet Search
  English  ▼

X  

AEW01CC48 Datasheet(PDF) 42 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 42 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 38Page - Astec America, Inc AEW01CC48 Datasheet HTML 39Page - Astec America, Inc AEW01CC48 Datasheet HTML 40Page - Astec America, Inc AEW01CC48 Datasheet HTML 41Page - Astec America, Inc AEW01CC48 Datasheet HTML 42Page - Astec America, Inc AEW01CC48 Datasheet HTML 43Page - Astec America, Inc AEW01CC48 Datasheet HTML 44Page - Astec America, Inc AEW01CC48 Datasheet HTML 45Page - Astec America, Inc AEW01CC48 Datasheet HTML 46Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
42
z Mixed Distribution
In the real world a combination of parallel and radial power distribution is
often used. Dynamic and high current loads are connected using a radial
design, while static and low current loads can be connected in parallel. This
combined approach minimizes the drawbacks of a parallel design when a
purely radial design is not feasible.
z Redundant Operation
A common requirement in high reliability systems is to provide redundant power
supplies. The easiest way to do this is to place two converters in parallel, providing
fault tolerance but not load sharing. Oring diodes should be used to ensure that
failure of one converter would not cause failure of the second. Figure 21 shows
such an arrangement. Upon application of power, one of the converters will provide
a slightly higher output voltage and will support the full load demand. The second
converter will see a zero load condition and will idle. If the first converter should
fail, the second converter will support the full load. When designing redundant
converter circuits, Shottky diodes should be used to minimize the forward voltage
drop. The voltage drop across the Shottky diodes must also be considered when
determining load voltage requirements. \



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com