Electronic Components Datasheet Search
  English  ▼

X  

LM3822 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3822
Description  Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3822 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3822 Datasheet HTML 1Page - National Semiconductor (TI) LM3822 Datasheet HTML 2Page - National Semiconductor (TI) LM3822 Datasheet HTML 3Page - National Semiconductor (TI) LM3822 Datasheet HTML 4Page - National Semiconductor (TI) LM3822 Datasheet HTML 5Page - National Semiconductor (TI) LM3822 Datasheet HTML 6Page - National Semiconductor (TI) LM3822 Datasheet HTML 7Page - National Semiconductor (TI) LM3822 Datasheet HTML 8Page - National Semiconductor (TI) LM3822 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Common Device Parameters (Continued)
Unless otherwise specified, V
DD = 3.6V for the following specifications. Supply bypass capacitor is 1 µF and filter capacitor is
0.1 µF.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
V
TL
Threshold Low Level for SD
1.2
V
0.7
V (max)
V
OH
Logic High Level for PWM
Load current = 1 mA, 2V
≤ V
DD ≤
5.25V
V
DD − 0.05
V
DD − 0.2
V
V (min)
V
OL
Logic Low Level for PWM
Sink current = 1 mA, 2V
≤ V
DD ≤
5.25V
0.04
V
0.2
V (max)
P
I
Insertion Loss
I
SENSE = 1A (Note 9)
0.003
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see Electrical Characteristics. The guar-
anteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: At elevated temperatures, devices must be derated based on package thermal resistance. The device in the surface-mount package must be derated at
θJA
= 220˚C/W (typically), junction-to-ambient.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 4: The absolute maximum peak and continuous currents specified are not tested. These specifications are dependent on the
θJA, which is 220˚C/W for the
MSOP-8 package.
Note 5: Typical numbers are at 25˚C and represent the most likely parametric norm. Specifications in standard type face are for TJ = 25˚C and those with boldface
typeapply over full operating temperature ranges.
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 7: There is a variation in accuracy over time due to thermal effects. Please refer to the “PWM Output and Current Accuracy” section for more information.
Note 8: This parameter is production tested at 1A and guaranteed by design at 2A.
Note 9: The tolerance of the internal lead frame resistor is corrected internally. The temperature coefficient of this resistor is 2600 ppm/˚C.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com