Electronic Components Datasheet Search
  English  ▼

X  

LM3822 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3822
Description  Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3822 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3822 Datasheet HTML 4Page - National Semiconductor (TI) LM3822 Datasheet HTML 5Page - National Semiconductor (TI) LM3822 Datasheet HTML 6Page - National Semiconductor (TI) LM3822 Datasheet HTML 7Page - National Semiconductor (TI) LM3822 Datasheet HTML 8Page - National Semiconductor (TI) LM3822 Datasheet HTML 9Page - National Semiconductor (TI) LM3822 Datasheet HTML 10Page - National Semiconductor (TI) LM3822 Datasheet HTML 11Page - National Semiconductor (TI) LM3822 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Look-Up Tables
The following tables show how to convert the duty cycle of
the PWM output to a current value, and vice versa. The
quantization error of 1⁄2 bit is not shown in these tables.
Please see the “PWM Output and Current Accuracy” section
for more details.
TABLE 1. Current to Duty Cycle Conversion Table
Sense Current
(Imax = 1.0A)
Sense Current
(Imax = 2.0A)
Duty Cycle (%)
1
2
95.5
0.95
1.90
93.2
0.90
1.80
90.9
0.85
1.70
88.6
0.80
1.60
86.4
0.75
1.50
84.1
0.70
1.40
81.8
0.65
1.30
79.5
0.60
1.20
77.3
0.55
1.10
75.0
0.50
1
72.7
0.45
0.90
70.5
0.40
0.80
68.2
0.35
0.70
65.9
0.30
0.60
63.6
0.25
0.50
61.4
0.20
0.40
59.1
0.15
0.30
56.8
0.10
0.20
54.5
0.05
0.10
52.3
0.00
0.00
50
−0.05
−0.10
47.7
−0.10
−0.20
45.5
−0.15
−0.30
43.2
−0.20
−0.40
40.9
−0.25
−0.50
38.6
−0.30
−0.60
36.4
−0.35
−0.70
34.1
−0.40
−0.80
31.8
−0.45
−0.90
29.5
−0.50
−1
27.3
−0.55
−1.10
25
−0.60
−1.20
22.7
−0.65
−1.30
20.5
−0.70
−1.40
18.2
−0.75
−1.50
15.9
−0.80
−1.60
13.6
−0.85
−1.70
11.4
−0.90
−1.80
9.1
−0.95
−1.90
6.8
−1
−2
4.5
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com