Electronic Components Datasheet Search
  English  ▼

X  

ADV7613 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7613
Description  Integrated consumer electronics control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7613 Datasheet HTML 4Page - Analog Devices ADV7613 Datasheet HTML 5Page - Analog Devices ADV7613 Datasheet HTML 6Page - Analog Devices ADV7613 Datasheet HTML 7Page - Analog Devices ADV7613 Datasheet HTML 8Page - Analog Devices ADV7613 Datasheet HTML 9Page - Analog Devices ADV7613 Datasheet HTML 10Page - Analog Devices ADV7613 Datasheet HTML 11Page - Analog Devices ADV7613 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
ADV7613
Rev. A | Page 7 of 13
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
DVDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4.0 V
CVDD to GND
2.2 V
TVDD to GND
4.0 V
LTX_VDD to GND
2.2 V
Digital Inputs to GND
GND − 0.3 V to DVDDIO + 0.3 V
5 V Tolerant Digital Inputs to
GND1
5.3 V
Digital Outputs to GND
GND − 0.3 V to DVDDIO + 0.3 V
XTALP, XTALN
−0.3 V to PVDD + 0.3 V
SCL, SDA Data Pins to
DVDDIO
DVDDIO − 0.3 V to DVDDIO + 3.6 V
Maximum Junction
Temperature (T
J MAX)
125°C
Storage Temperature Range
−60°C to +150°C
Infrared Reflow Soldering
(20 sec)
260°C
Operating Temperature
Range
−40°C to +85°C
1 The following inputs are 3.3 V inputs but are 5 V tolerant: DDCA_SCL and
DDCA_SDA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
To reduce power consumption when using the ADV7613, turn
off the unused sections of the device.
Due to printed circuit board (PCB) metal variation and,
therefore, variation in PCB heat conductivity, the value of θJA
may differ for various PCBs.
It is possible to obtain the most efficient measurement solution
by using the package surface temperature to estimate the die
temperature because this solution eliminates the variance
associated with the θJA value.
When using the device, the maximum junction temperature
(TJ MAX) must not go above 125°C. The following equation
calculates the junction temperature using the measured package
surface temperature and applies only when no heat sink is used
on the device under test (DUT):
TJ = TS + (ΨJT × WTOTAL).
where:
TJ is the junction temperature.
TS is the package surface temperature (°C).
ΨJT = 0.81°C/W for the 100-ball CSP_BGA (based on a 2s2p test
board defined in the JEDEC specification).
WTOTAL = ((PVDD × IPVDD) + (0.2 × TVDD × ITVDD) +
(CVDD × ICVDD) + (DVDD × IDVDD) + (DVDDIO ×
IDVDDIO) + (LTX_VDD × ITLX_VDD)).
where 0.2 is 20% of the TVDD power that is dissipated on the
device itself.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com