Electronic Components Datasheet Search
  English  ▼

X  

ADV7613 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7613
Description  Integrated consumer electronics control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7613 Datasheet HTML 6Page - Analog Devices ADV7613 Datasheet HTML 7Page - Analog Devices ADV7613 Datasheet HTML 8Page - Analog Devices ADV7613 Datasheet HTML 9Page - Analog Devices ADV7613 Datasheet HTML 10Page - Analog Devices ADV7613 Datasheet HTML 11Page - Analog Devices ADV7613 Datasheet HTML 12Page - Analog Devices ADV7613 Datasheet HTML 13Page - Analog Devices ADV7613 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Data Sheet
ADV7613
Rev. A | Page 11 of 13
POWER SUPPLY RECOMMENDATIONS
POWER-UP SEQUENCE
The recommended power-up sequence for the ADV7613 is to
power up the 3.3 V supplies first, followed by the 1.8 V supplies.
Hold the RESET line low for at least 5 ms after the supplies have
powered up. Allow a minimum additional 5 ms before carrying
out the first I2C transaction.
Alternatively, power up the ADV7613 by asserting all supplies
simultaneously. In this case, take care while the supplies are
being established to ensure that a lower voltage supply does not
go above a higher voltage supply level. Hold the RESET line low
for at least 5 ms after the supplies have powered up. Allow a
minimum additional 5 ms before carrying out the first I2C
transaction.
Figure 6. Recommended Power-Up Sequence
POWER-DOWN SEQUENCE
The ADV7613 power supplies can be deasserted simultaneously
as long as a higher rated supply (for example, TVDD/DVDDIO)
does not fall to a voltage level less than a lower rated supply (for
example, DVDD), and the absolute maximum ratings
specifications are followed.
3.3V
SUPPLIES
1.8V
SUPPLIES
RESET
I2C
TRANSACTION
3.3V
1.8V
5ms
5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com