Electronic Components Datasheet Search
  English  ▼

X  

LM383 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM383
Description  7W Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM383 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM383 Datasheet HTML 1Page - National Semiconductor (TI) LM383 Datasheet HTML 2Page - National Semiconductor (TI) LM383 Datasheet HTML 3Page - National Semiconductor (TI) LM383 Datasheet HTML 4Page - National Semiconductor (TI) LM383 Datasheet HTML 5Page - National Semiconductor (TI) LM383 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Applications (Continued)
Component Layout
16W Bridge Amplifier
DS007145-5
DS007145-6
Single Amplifier
VS = 20V
RL = 4Ω
Heatsink from:
Staver Company
41 Saxon Ave.
P.O. Drawer H
Bay Shore, NY 11706
Tel: (516) 666-8000
5
http:\\www.national.com
PrintDate=1997/04/01 PrintTime=11:52:20 7152 ds007145 Rev. No. 1
Proof
5
Book
Extract
End



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com