Electronic Components Datasheet Search
  English  ▼

X  

LM383 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM383
Description  7W Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM383 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM383 Datasheet HTML 1Page - National Semiconductor (TI) LM383 Datasheet HTML 2Page - National Semiconductor (TI) LM383 Datasheet HTML 3Page - National Semiconductor (TI) LM383 Datasheet HTML 4Page - National Semiconductor (TI) LM383 Datasheet HTML 5Page - National Semiconductor (TI) LM383 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM383/LM383A
7W Audio Power Amplifier
General Description
The LM383 is a cost effective, high power amplifier suited for
automotive applications. High current capability (3.5A) en-
ables the device to drive low impedance loads with low dis-
tortion. The LM383 is current limited and thermally protected.
High voltage protection is available (LM383A) which enables
the amplifier to withstand 40V transients on its supply. The
LM383 comes in a 5-pin TO-220 package.
Features
n
High peak current capability (3.5A)
n
Large output voltage swing
n
Externally programmable gain
n
Wide supply voltage range (5V–20V)
n
Few external parts required
n
Low distortion
n
High input impedance
n
No turn-on transients
n
High voltage protection available (LM383A)
n
Low noise
n
AC short circuit protected
Equivalent Schematic
Connection Diagram
DS007145-1
Plastic Package
DS007145-2
Order Number LM383T or LM383AT
See NS Package Number T05D
March 1997
© 1997 National Semiconductor Corporation
DS007145
http:\\www.national.com
1
PrintDate=1997/04/01 PrintTime=11:52:16 7152 ds007145 Rev. No. 1
Proof
1


Similar Part No. - LM383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
366Kb / 9P
Low Noise PREAMPLIFIER FOR TAPE PLAYBACK SYSTEMS//7 WATT AUDIO POWER AMPLIFIER
LM383A NSC-LM383A Datasheet
366Kb / 9P
Low Noise PREAMPLIFIER FOR TAPE PLAYBACK SYSTEMS//7 WATT AUDIO POWER AMPLIFIER
LM383AT NSC-LM383AT Datasheet
366Kb / 9P
Low Noise PREAMPLIFIER FOR TAPE PLAYBACK SYSTEMS//7 WATT AUDIO POWER AMPLIFIER
LM383T NSC-LM383T Datasheet
366Kb / 9P
Low Noise PREAMPLIFIER FOR TAPE PLAYBACK SYSTEMS//7 WATT AUDIO POWER AMPLIFIER
More results

Similar Description - LM383

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
Integrated Circuit Audio Power Amplifier, 7W
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amp, 7W
NTE1606 NTE-NTE1606 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 4W to 7W
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
Integrated Circuit AF Power Amplifier, 7W
logo
STMicroelectronics
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
7W AUDIO AMPLIFIER
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
7W AF POWER AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com