Electronic Components Datasheet Search
  English  ▼

X  

DAC8541 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8541 Datasheet HTML 2Page - Texas Instruments DAC8541 Datasheet HTML 3Page - Texas Instruments DAC8541 Datasheet HTML 4Page - Texas Instruments DAC8541 Datasheet HTML 5Page - Texas Instruments DAC8541 Datasheet HTML 6Page - Texas Instruments DAC8541 Datasheet HTML 7Page - Texas Instruments DAC8541 Datasheet HTML 8Page - Texas Instruments DAC8541 Datasheet HTML 9Page - Texas Instruments DAC8541 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
6
www.ti.com
tsu5
th5
tw6
tw7
ts
VOUT
VOUT
RST
RSTSEL
+FS
(RSTSEL = Low)
+FS
−FS
−FS
(RSTSEL = High)
Min-Scale
Mid-Scale
Figure 2. Reset Timing
TYPICAL CHARACTERISTICS
This condition applies to all typical characteristics: VREFH = AVDD, VREFL = AGND, TA = 25°C (unless
otherwise noted)
−64
−48
−32
−16
0
16
32
48
64
Digital Input Code
LINEARITY ERROR AND DIFFERENTIAL LINEARITY ERROR
vs
DIGITAL INPUT CODE
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
0
8192
16384
24576
32768
40960
49152
57344
65535
AVDD = 2.7 V, TA = 85°C
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com