Electronic Components Datasheet Search
  English  ▼

X  

DAC8541 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8541 Datasheet HTML 6Page - Texas Instruments DAC8541 Datasheet HTML 7Page - Texas Instruments DAC8541 Datasheet HTML 8Page - Texas Instruments DAC8541 Datasheet HTML 9Page - Texas Instruments DAC8541 Datasheet HTML 10Page - Texas Instruments DAC8541 Datasheet HTML 11Page - Texas Instruments DAC8541 Datasheet HTML 12Page - Texas Instruments DAC8541 Datasheet HTML 13Page - Texas Instruments DAC8541 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
10
www.ti.com
TYPICAL CHARACTERISTICS
Figure 12
1000
500
0
100
150
200
250
1500
2000
AIDD HISTOGRAM
2500
300
350
400
AIDD − µA
AVDD = 2.7 V
TA = 25°C
Figure 13
0
50
100
150
200
250
300
350
400
0
16384
32768
49152
65535
Digital Input Code
ANALOG SUPPLY CURRENT
vs
DIGITAL INPUT CODE
AVDD = DVDD = 5 V
AVDD = DVDD = 2.7 V
Excluding Reference and Load Current.
Figure 14
0
50
100
150
200
250
300
350
−40
−15
10
35
60
85
AVDD = DVDD = 5 V
AVDD = DVDD = 2.7 V
Excluding Reference and Load Current.
TA − Free-Air Temperature − °C
ANALOG SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
Figure 15
0
5
10
15
20
25
30
35
40
45
50
2.7
3.4
4.1
4.8
5.5
TA = 85°C
TA = −40°C
TA = 25°C
AVDD − Supply Voltage − V
POWER-DOWN CURRENT
vs
SUPPLY VOLTAGE
Figure 16
DVDD = 2.7 V
0
100
200
300
400
500
01
23
45
DIDD Values are Shown for Logic
Level Change on one Digital Input.
DVDD = 5 V
VLOGIC − Logic Input Voltage − V
DIGITAL SUPPLY CURRENT
vs
LOGIC INPUT VOLTAGE
Figure 17
t − Time −
µs
0
100 200 300400 500 600
POWER-ON RESET TO 0 V
700 800 900 1000
Loaded With 2 k
Ω to AGND
AVDD (2 V/div)
VOUT (1 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com