Electronic Components Datasheet Search
  English  ▼

X  

DAC8541 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541 Datasheet(HTML) 4 Page - Texas Instruments

  DAC8541 Datasheet HTML 1Page - Texas Instruments DAC8541 Datasheet HTML 2Page - Texas Instruments DAC8541 Datasheet HTML 3Page - Texas Instruments DAC8541 Datasheet HTML 4Page - Texas Instruments DAC8541 Datasheet HTML 5Page - Texas Instruments DAC8541 Datasheet HTML 6Page - Texas Instruments DAC8541 Datasheet HTML 7Page - Texas Instruments DAC8541 Datasheet HTML 8Page - Texas Instruments DAC8541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
4
www.ti.com
PBS PACKAGE
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VOUT
VOUTSense
AGND
VREFL
VREFH
AVDD
DVDD
DGND
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
32
26
11 12 13 14 15 16
25
DAC8541
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DB15−DB0
1−16
I/O
Data input/output, (pin 1-MSB: pin 16-LSB)
DGND
17
I
Digital ground
DVDD
18
I
Digital supply input, 1.8 V to 5.5 V
AVDD
19
I
Analog power supply input, 2.7 V to 5.5 V
VREFH
20
I
Positive reference voltage input (referenced to AGND)
VREFL
21
I
Negative reference voltage input (referenced to AGND), nominally VREFL = AGND
AGND
22
I
Analog ground
VOUTSense
23
I
Analog output sense. The feedback terminal of the output amplifier.
VOUT
24
O
Analog output voltage from DAC. The output amplifier has rail-to-rail operation.
PD0
25
I
Powerdown control bit 0
PD1
26
I
Powerdown control bit 1
BTC/USB
27
I
Data input format: binary twos complement or unipolar straight binary
RSTSEL
28
I
Reset VOUT on active RST to min-scale (RSTSEL = 0) or mid-scale (RSTSEL = 1)
RST
29
I
VOUT reset to min-scale or mid-scale, rising edge (Does not reset input register data.)
LDAC
30
I
Asynchronous load command, rising edge
R/W
31
I
Read/Write control input
CS
32
I
Chip select, active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com